Moteur de recherche de fiches techniques de composants électroniques |
|
MC100EL31DTG Fiches technique(PDF) 6 Page - ON Semiconductor |
|
MC100EL31DTG Fiches technique(HTML) 6 Page - ON Semiconductor |
6 / 9 page MC10EL31, MC100EL31 http://onsemi.com 6 ORDERING INFORMATION Device Package Shipping† MC10EL31D SOIC−8 98 Units / Rail MC10EL31DG SOIC−8 (Pb−Free) 98 Units / Rail MC10EL31DR2 SOIC−8 2500 / Tape & Reel MC10EL31DR2G SOIC−8 (Pb−Free) 2500 / Tape & Reel MC10EL31DT TSSOP−8 100 Units / Rail MC10EL31DTG TSSOP−8 (Pb−Free) 100 Units / Rail MC10EL31DTR2 TSSOP−8 2500 / Tape & Reel MC10EL31DTR2G TSSOP−8 (Pb−Free) 2500 / Tape & Reel MC10EL31MNR4 DFN8 1000 / Tape & Reel MC10EL31MNR4G DFN8 (Pb−Free) 1000 / Tape & Reel MC100EL31D SOIC−8 98 Units / Rail MC100EL31DG SOIC−8 (Pb−Free) 98 Units / Rail MC100EL31DR2 SOIC−8 2500 / Tape & Reel MC100EL31DR2G SOIC−8 (Pb−Free) 2500 / Tape & Reel MC100EL31DT TSSOP−8 100 Units / Rail MC100EL31DTG TSSOP−8 (Pb−Free) 100 Units / Rail MC100EL31DTR2 TSSOP−8 2500 / Tape & Reel MC100EL31DTR2G TSSOP−8 (Pb−Free) 2500 / Tape & Reel MC100EL31MNR4 DFN8 1000 / Tape & Reel MC100EL31MNR4G DFN8 (Pb−Free) 1000 / Tape & Reel †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. Resource Reference of Application Notes AN1405/D − ECL Clock Distribution Techniques AN1406/D − Designing with PECL (ECL at +5.0 V) AN1503/D − ECLinPSt I/O SPiCE Modeling Kit AN1504/D − Metastability and the ECLinPS Family AN1568/D − Interfacing Between LVDS and ECL AN1672/D − The ECL Translator Guide AND8001/D − Odd Number Counters Design AND8002/D − Marking and Date Codes AND8020/D − Termination of ECL Logic Devices AND8066/D − Interfacing with ECLinPS AND8090/D − AC Characteristics of ECL Devices |
Numéro de pièce similaire - MC100EL31DTG |
|
Description similaire - MC100EL31DTG |