Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MBT35200MT1 Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce MBT35200MT1
Description  High Current Surface Mount PNP Silicon Switching Transistor for Load Management in Portable Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBT35200MT1 Fiches technique(HTML) 4 Page - ON Semiconductor

  MBT35200MT1_05 Datasheet HTML 1Page - ON Semiconductor MBT35200MT1_05 Datasheet HTML 2Page - ON Semiconductor MBT35200MT1_05 Datasheet HTML 3Page - ON Semiconductor MBT35200MT1_05 Datasheet HTML 4Page - ON Semiconductor MBT35200MT1_05 Datasheet HTML 5Page - ON Semiconductor MBT35200MT1_05 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MBT35200MT1
http://onsemi.com
4
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
10
0.01
0.1
1.0
10
100
0.1
1.0
100 ms
1 ms
10 ms
100 ms
1 s
DC
SINGLE PULSE AT Tamb = 25°C
Figure 7. Output Capacitance
VCB, COLLECTOR BASE VOLTAGE (VOLTS)
0
225
125
100
75
25
0
15
5.0
10
50
200
175
150
30
20
25
35
Figure 8. Safe Operating Area
0.1
Figure 9. Normalized Thermal Response
t, TIME (sec)
1.0
0.001
0.01
0.00001
0.01
0.1
1.0
100
1000
0.1
0.0001
0.001
10
D = 0.5
0.02
0.05
0.2
0.01
SINGLE PULSE


Html Pages

1  2  3  4  5  6 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn