Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS3843AGD8 Fiches technique(PDF) 6 Page - ON Semiconductor

No de pièce CS3843AGD8
Description  Off-Line Current Mode PWM Control Circuit with Undervoltage Lockout
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS3843AGD8 Fiches technique(HTML) 6 Page - ON Semiconductor

Back Button CS3843AGD8 Datasheet HTML 2Page - ON Semiconductor CS3843AGD8 Datasheet HTML 3Page - ON Semiconductor CS3843AGD8 Datasheet HTML 4Page - ON Semiconductor CS3843AGD8 Datasheet HTML 5Page - ON Semiconductor CS3843AGD8 Datasheet HTML 6Page - ON Semiconductor CS3843AGD8 Datasheet HTML 7Page - ON Semiconductor CS3843AGD8 Datasheet HTML 8Page - ON Semiconductor CS3843AGD8 Datasheet HTML 9Page - ON Semiconductor CS3843AGD8 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CS2842A, CS3842A, CS2843A, CS3843A
http://onsemi.com
6
Figure 4. Test Circuit
VREF
VCC
VOUT
GND
COMP
VFB
Sense
OSC
0.1 μF
0.1 μF
RT
1.0 kΩ
1.0 W
2N2222
100 kΩ
VCC
VREF
VOUT
GND
A
5.0 kΩ
Sense
ADJUST
CT
4.7 kΩ
4.7 kΩ
1.0 kΩ
ERROR AMP
ADJUST
CIRCUIT DESCRIPTION
CSX843A
8.4 V
7.6 V
CSX842A
16 V
10 V
VON
VOFF
ON/OFF Command
to reset of IC
VCC
< 1.0 mA
< 15 mA
VON VOFF
VCC
ICC
Figure 5. Typical Undervoltage Characteristics
Undervoltage Lockout
During Undervoltage Lockout (Figure 5), the output
driver is biased to a high impedance state. The output should
be shunted to ground with a resistor to prevent output
leakage current from activating the power switch.
PWM Waveform
To generate the PWM waveform, the control voltage from
the error amplifier is compared to a current sense signal which
represents the peak output inductor current (Figure 6). An
increase in VCC causes the inductor current slope to increase,
thus reducing the duty cycle. This is an inherent feed−forward
characteristic of current mode control, since the control
voltage does not have to change during changes of input
supply voltage.
Figure 6. Timing Diagram for Key CS2841B
Parameters
Switch
Current
EA Output
VCC
IO
VO
OSC
RESET
OSC
When the power supply sees a sudden large output current
increase, the control voltage will increase allowing the duty
cycle to momentarily increase. Since the duty cycle tends to
exceed the maximum allowed to prevent transformer
saturation in some power supplies, the internal oscillator
waveform provides the maximum duty cycle clamp as
programmed by the selection of oscillator components.
Setting the Oscillator
Oscillator timing capacitor, CT, is charged by VREF
through RT and discharged by an internal current source.
During the discharge time, the internal clock signal blanks
out the output to the Low state, thus providing a user selected
maximum duty cycle clamp. Charge and discharge times are
determined by the formula:


Numéro de pièce similaire - CS3843AGD8

FabricantNo de pièceFiches techniqueDescription
logo
Cherry Semiconductor Co...
CS3843AGD8 CHERRY-CS3843AGD8 Datasheet
156Kb / 6P
   Off-Line Current Mode PWM Control Circuit with Undervoltage Lockout
More results

Description similaire - CS3843AGD8

FabricantNo de pièceFiches techniqueDescription
logo
Cherry Semiconductor Co...
CS2842A CHERRY-CS2842A Datasheet
156Kb / 6P
   Off-Line Current Mode PWM Control Circuit with Undervoltage Lockout
CS3842B CHERRY-CS3842B Datasheet
154Kb / 6P
   Off-Line Current Mode PWM Control Circuit Off-Line Current Mode PWM Control Circuit
logo
ON Semiconductor
CS3842B ONSEMI-CS3842B Datasheet
68Kb / 8P
   Off-Line Current Mode PWM Control Circuit
December, 2001 - Rev. 4
logo
STMicroelectronics
STIPN2M50-H STMICROELECTRONICS-STIPN2M50-H Datasheet
990Kb / 21P
   Undervoltage lockout
February 2017 Rev 4
logo
Cherry Semiconductor Co...
CS52843 CHERRY-CS52843 Datasheet
147Kb / 6P
   Current Mode PWM Control Circuit
logo
ON Semiconductor
CS52843 ONSEMI-CS52843 Datasheet
240Kb / 9P
   Current Mode PWM Control Circuit
July, 2006 ??Rev. 4
CS3845B ONSEMI-CS3845B Datasheet
63Kb / 8P
   Current Mode PWM Control Circuit
December, 2001 - Rev. 7
CS2844 ONSEMI-CS2844 Datasheet
162Kb / 12P
   Current Mode PWM Control Circuit
June, 2001 ??Rev. 3
logo
STMicroelectronics
STIPN2M50T-HL STMICROELECTRONICS-STIPN2M50T-HL Datasheet
1,003Kb / 23P
   Undervoltage lockout
February 2017 Rev 4
STGIPS10C60T-H STMICROELECTRONICS-STGIPS10C60T-H Datasheet
635Kb / 19P
   Undervoltage lockout
April 2015 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com