Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FFPF30UP20DN Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce FFPF30UP20DN
Description  Ultrafast Recovery Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFPF30UP20DN Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  FFPF30UP20DN Datasheet HTML 1Page - Fairchild Semiconductor FFPF30UP20DN Datasheet HTML 2Page - Fairchild Semiconductor FFPF30UP20DN Datasheet HTML 3Page - Fairchild Semiconductor FFPF30UP20DN Datasheet HTML 4Page - Fairchild Semiconductor FFPF30UP20DN Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.fairchildsemi.com
FFPF30UP20DN Rev. A
Electrical Characteristics (per diode) T
C = 25°C unless otherwise noted
* Pulse Test: Pulse Width=300
µs, Duty Cycle=2%
Test Circuit and Waveforms
Symbol
Parameter
Min.
Typ.
Max.
Units
VFM *
IF = 15A
IF = 15A
TC = 25 °C
TC = 100 °C
-
-
-
-
1.15
1.0
V
V
IRM *
VR = 200V
VR = 200V
TC = 25 °C
TC = 100 °C
-
-
-
-
100
500
µA
µA
trr
IF =1A, di/dt = 100A/µs, VCC = 30V
IF =15A, di/dt = 200A/µs, VCC = 130V
TC = 25 °C
TC = 25 °C
-
-
-
-
35
45
ns
ns
ta
tb
Qrr
IF =15A, di/dt = 200A/µs, VCC = 130V
TC = 25 °C
TC = 25 °C
TC = 25 °C
-
-
-
13
11
24
-
-
-
ns
ns
nC
WAVL
Avalanche Energy (L = 40mH)
20
-
-
mJ


Numéro de pièce similaire - FFPF30UP20DN

FabricantNo de pièceFiches techniqueDescription
logo
Thinki Semiconductor Co...
FFPF30UP20DN THINKISEMI-FFPF30UP20DN Datasheet
3Mb / 2P
   30Amperes,200Volts Insulated Common Cathode Ultra Fast Soft Recovery Epitaxial Diodes
FFPF30UP20DNTU THINKISEMI-FFPF30UP20DNTU Datasheet
3Mb / 2P
   30Amperes,200Volts Insulated Common Cathode Ultra Fast Soft Recovery Epitaxial Diodes
More results

Description similaire - FFPF30UP20DN

FabricantNo de pièceFiches techniqueDescription
logo
KODENSHI_AUK CORP.
SF10S600D2 KODENSHI-SF10S600D2 Datasheet
253Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
logo
Fairchild Semiconductor
FFPF30UP20STTU FAIRCHILD-FFPF30UP20STTU Datasheet
187Kb / 5P
   Ultrafast Recovery Power Rectifier
logo
KODENSHI_AUK CORP.
SF5A200H KODENSHI-SF5A200H Datasheet
290Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
SF5A400HD KODENSHI-SF5A400HD Datasheet
242Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
SF8A200H KODENSHI-SF8A200H Datasheet
282Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
logo
Fairchild Semiconductor
FFPF10UP30STU FAIRCHILD-FFPF10UP30STU Datasheet
121Kb / 5P
   Ultrafast Recovery Power Rectifier
logo
KODENSHI_AUK CORP.
SF5A200H-1 KODENSHI-SF5A200H-1 Datasheet
290Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
SF5A400HD-1 KODENSHI-SF5A400HD-1 Datasheet
219Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
SF8A300H-1 KODENSHI-SF8A300H-1 Datasheet
283Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
logo
Fairchild Semiconductor
FFB10UP20S FAIRCHILD-FFB10UP20S Datasheet
116Kb / 5P
   Ultrafast Recovery Power Rectifier
FFPF20UP30DN FAIRCHILD-FFPF20UP30DN Datasheet
121Kb / 5P
   Ultrafast Recovery Power Rectifier
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com