Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN5336MPX Fiches technique(PDF) 7 Page - Fairchild Semiconductor

No de pièce FAN5336MPX
Description  1.5MHz Boost Regulator with 33V Integrated FET Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5336MPX Fiches technique(HTML) 7 Page - Fairchild Semiconductor

  FAN5336MPX Datasheet HTML 1Page - Fairchild Semiconductor FAN5336MPX Datasheet HTML 2Page - Fairchild Semiconductor FAN5336MPX Datasheet HTML 3Page - Fairchild Semiconductor FAN5336MPX Datasheet HTML 4Page - Fairchild Semiconductor FAN5336MPX Datasheet HTML 5Page - Fairchild Semiconductor FAN5336MPX Datasheet HTML 6Page - Fairchild Semiconductor FAN5336MPX Datasheet HTML 7Page - Fairchild Semiconductor FAN5336MPX Datasheet HTML 8Page - Fairchild Semiconductor FAN5336MPX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
FAN5336 Rev. 1.0.0
7
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Applications Information
Setting the Output Voltage
The internal feedback voltage reference (VREF) is 1.23V
(typical). The output voltage is divided by a resistor
divider, R1 and R2 to the FB pin. The output voltage is
calculated by:
The maximum output current depends on the output volt-
age settings. Table 1 provides the recommended voltage
for several steady-state configurations:
Table 1: Recommended Voltages
Inductor Selection
The inductor parameters directly related to device perfor-
mance are saturation current and DC resistance. The
FAN5336 operates with a typical inductor value of 6.8µH.
The lower the DC resistance, the higher the efficiency.
Balancing inductor size, cost, and overall efficiency
allows optimum choice.
The inductor saturation current should be rated around
1.5A, which is the threshold of the internal current limit
circuit. This limit is reached only during the start-up and
with heavy load conditions. When this occurs, the con-
verter can shift into discontinuous conduction mode due
to the automatic turn-off of the switching transistor,
resulting in higher ripple and reduced efficiency.
Table 2: Recommended Inductors
Capacitors Selection
For best performance, low-ESR input and output capaci-
tors are required. Ceramic capacitors of CIN = 10µF and
COUT = 4.7µF, placed as close as possible to the IC pins,
are recommended for the lower input and output ripple.
The output capacitor voltage rating should be selected
according to the VOUT setting.
Table 3: Recommended Capacitors
A feedforward capacitor (CF) is required for stability. The
recommended value is around 180pF.
Diode Selection
The external diode used for rectification is usually a
Schottky diode. Its average forward current should
exceed the load current and its reverse voltage maxi-
mum ratings should exceed the voltage at the output of
the converter. A barrier Schottky diode, such as BAT54,
is preferred due to its low reverse current over the
temperature range.
Care should be taken to avoid any short circuit of VOUT
to GND, even with the IC disabled, since the diode can
be instantly damaged by the excessive current.
Flash LED Driver
The FAN5336 may be used to drive a serial flash LED
with up to 100mA current at 21V for a maximum of
400ms on-time and 10% duty cycle.
Thermal Shutdown
When the die temperature exceeds 150°C, a reset
occurs and remains in effect until the die cools to 130°C,
when the circuit is allowed to restart.
PCB Layout Recommendations
The inherently high peak currents and switching fre-
quency of power supplies require careful PCB layout
design. For best results, use wide traces for high-current
paths and place the input capacitor, the inductor, and the
output capacitor as close as possible to the integrated
circuit terminals. The resistor divider that sets the output
voltage should be routed away from the inductor to avoid
RF coupling. A four-layer PCB, with at least one ground
plane connected to Pin 2 of the IC, is recommended. The
ground plane acts as an electromagnetic shield to
reduce EMI and parasitic coupling between components.
Figure 11. Recommended PCB Layout
VOUT
(V)
ILOAD Max.
(mA)
R1 (kΩ) for
R2 = 10kΩ
VIN Range
(V)
9
50
63.2
2.7 to 5.5
9
170
63.2
2.9 to 4.7
12
125
87.5
2.7 to 5.5
21
75
160
3.6 to 5.5
33
50
258
4.0 to 5.5
33
10
258
2.7 to 5.5
Inductor
Value
Vendor
Part Number
Comment
6.8µH
TDK
SLF7028T6R8M1R3
Lower
Profile
6.8µH
Murata LQS66C6R8M04
Higher
Efficiency
V
OUT
V
REF 1
R
1
R
2
-------
+
⎝⎠
⎜⎟
⎜⎟
⎛⎞
=
EQ 1
Cap. Value
Vendor
Part Number
10µF
Murata
GRM31CR70J106KA01B
4.7µF
Murata
GRM32RR61E475KC31B


Numéro de pièce similaire - FAN5336MPX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5336MPX FAIRCHILD-FAN5336MPX Datasheet
645Kb / 10P
   1.5MHz Boost Regulator with 33V Integrated FET Switch
More results

Description similaire - FAN5336MPX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5336 FAIRCHILD-FAN5336_07 Datasheet
645Kb / 10P
   1.5MHz Boost Regulator with 33V Integrated FET Switch
logo
Renesas Technology Corp
ISL78219 RENESAS-ISL78219 Datasheet
796Kb / 15P
   Automotive Boost Regulator with 4A Integrated Switch
logo
Eutech Microelectronics...
EUP2570 EUTECH-EUP2570 Datasheet
72Kb / 1P
   1MHz Boost Regulator with 18V Integrated FET Switch in Tiny SOT-23
logo
Fairchild Semiconductor
FAN5331 FAIRCHILD-FAN5331 Datasheet
214Kb / 10P
   1.6MHz Boost Converter with 20V Integrated FET Switch
logo
Rohm
BD8152FVM ROHM-BD8152FVM_14 Datasheet
1Mb / 27P
   Boost Converter with Integrated FET
logo
Intersil Corporation
ISL97701 INTERSIL-ISL97701 Datasheet
189Kb / 10P
   Boost Regulator with Integrated Schottky and Input Disconnect Switch
logo
Renesas Technology Corp
ISL97701 RENESAS-ISL97701 Datasheet
547Kb / 11P
   Boost Regulator with Integrated Schottky and Input Disconnect Switch
logo
Microchip Technology
MCP1661 MICROCHIP-MCP1661 Datasheet
1,011Kb / 34P
   High-Voltage Integrated Switch PWM Boost Regulator with UVLO
01/27/15
logo
Texas Instruments
TPS2500 TI-TPS2500 Datasheet
1Mb / 42P
[Old version datasheet]   INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
logo
Micrel Semiconductor
MIC3223 MICREL-MIC3223 Datasheet
1Mb / 24P
   High Power Boost LED Driver with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com