Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BF245 Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce BF245
Description  JFET VHF/UHF Amplifiers N-Channel - Depletion
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BF245 Fiches technique(HTML) 4 Page - ON Semiconductor

  BF245 Datasheet HTML 1Page - ON Semiconductor BF245 Datasheet HTML 2Page - ON Semiconductor BF245 Datasheet HTML 3Page - ON Semiconductor BF245 Datasheet HTML 4Page - ON Semiconductor BF245 Datasheet HTML 5Page - ON Semiconductor BF245 Datasheet HTML 6Page - ON Semiconductor BF245 Datasheet HTML 7Page - ON Semiconductor BF245 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BF245A BF245B
http://onsemi.com
4
f, FREQUENCY (MHz)
10
gig @ IDSS
f, FREQUENCY (MHz)
0.5
Figure 9. Input Admittance (yig)
Figure 10. Reverse Transfer Admittance (yrg)
COMMON GATE CHARACTERISTICS
ADMITTANCE PARAMETERS
(VDG = 15 Vdc, Tchannel = 25°C)
f, FREQUENCY (MHz)
f, FREQUENCY (MHz)
Figure 11. Forward Transfer Admittance (yfg)
Figure 12. Output Admittance (yog)
20
10
0.3
0.5
0.7
1.0
2.0
3.0
5.0
7.0
20 30
50 70 100
200 300
500 700 1000
0.2
0.3
0.5
0.7
1.0
2.0
3.0
5.0
7.0
10
0.3
0.01
0.1
0.2
10
20
30
50 70 100
200 300
500 700 1000
10
20 30
50 70 100
200 300
500 700 1000
0.01
0.02
0.03
0.3
10
20
30
50 70 100
200 300
500 700 1000
big @ 0.25 IDSS
big @ IDSS
grg @ 0.25 IDSS
gfg @ IDSS
gfg @ 0.25 IDSS
brg @ 0.25 IDSS
bog @ IDSS, 0.25 IDSS
gog @ IDSS
gog @ 0.25 IDSS
0.2
0.005
0.007
0.02
0.03
0.05
0.07
0.1
0.05
0.07
0.1
0.2
0.5
0.7
1.0
brg @ IDSS
0.25 IDSS
gig @ IDSS, 0.25 IDSS
bfg @ IDSS


Numéro de pièce similaire - BF245

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BF245 SIEMENS-BF245 Datasheet
178Kb / 7P
   N-Channel junction field-Effect Transistors
logo
Fairchild Semiconductor
BF245 FAIRCHILD-BF245 Datasheet
22Kb / 3P
   N-Channel Amplifiers
logo
Micro Electronics
BF245 MICRO-ELECTRONICS-BF245 Datasheet
47Kb / 1P
   N-CHANNEL JUNCTION FET
logo
Frontier Electronics.
BF2450E0805RT FRONTIER-BF2450E0805RT Datasheet
200Kb / 2P
   Surface mount balun filter with a small size of 2.0 X 1.2 X 1.1 mm, RoHS compliant.
logo
NXP Semiconductors
BF245A NXP-BF245A Datasheet
307Kb / 13P
   N-channel silicon field-effect transistors
1996 Jul 30
More results

Description similaire - BF245

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
J309 ONSEMI-J309 Datasheet
66Kb / 5P
   JFET VHF/UHF Amplifiers N-Channel - Depletion
March, 2006 ??Rev. 1
logo
New Jersey Semi-Conduct...
2N5487 NJSEMI-2N5487 Datasheet
76Kb / 2P
   JFET VHF/UHF Amplifiers N-Channel ??Depletion
logo
ON Semiconductor
2N5486 ONSEMI-2N5486_06 Datasheet
146Kb / 6P
   JFET VHF/UHF Amplifiers N?묬hannel - Depletion
October, 2006 ??Rev. 2
J309 ONSEMI-J309_12 Datasheet
72Kb / 5P
   JFET VHF/UHF Amplifiers N.Channel . Depletion
March, 2006 ??Rev. 1
2N5484 ONSEMI-2N5484 Datasheet
278Kb / 8P
   JFET VHF/UHF Amplifiers
1997
J308 ONSEMI-J308_06 Datasheet
190Kb / 6P
   JFET VHF/UHF Amplifiers
August, 2006 ??Rev. 2
2N5486 ONSEMI-2N5486 Datasheet
174Kb / 8P
   JFET VHF/UHF Amplifiers
May, 2001 ??Rev. 0
J308 ONSEMI-J308 Datasheet
160Kb / 8P
   JFET VHF/UHF Amplifiers
1997
logo
Motorola, Inc
BFW10 MOTOROLA-BFW10 Datasheet
71Kb / 2P
   VHF/UHF Amplifier(N-Channel, Depletion)
BF256 MOTOROLA-BF256 Datasheet
36Kb / 1P
   VHF/UHF Amplifier(N-Channel, Depletion)
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com