Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMBD701LT3G Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce MMBD701LT3G
Description  Silicon Hot?묬arrier Diodes Schottky Barrier Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBD701LT3G Fiches technique(HTML) 1 Page - ON Semiconductor

  MMBD701LT3G Datasheet HTML 1Page - ON Semiconductor MMBD701LT3G Datasheet HTML 2Page - ON Semiconductor MMBD701LT3G Datasheet HTML 3Page - ON Semiconductor MMBD701LT3G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2006
October, 2006 − Rev. 4
1
Publication Order Number:
MBD701/D
MBD701, MMBD701LT1
Preferred Device
Silicon Hot−Carrier Diodes
Schottky Barrier Diodes
These devices are designed primarily for high−efficiency UHF and
VHF detector applications. They are readily adaptable to many other
fast switching RF and digital applications. They are supplied in an
inexpensive plastic package for low−cost, high−volume consumer
and industrial/commercial requirements. They are also available in a
Surface Mount package.
Features
Extremely Low Minority Carrier Lifetime − 15 ps (Typ)
Very Low Capacitance − 1.0 pF @ VR = 20 V
High Reverse Voltage − to 70 V
Low Reverse Leakage − 200 nA (Max)
Pb−Free Packages are Available
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Reverse Voltage
VR
70
V
Forward Power Dissipation
@ TA = 25°C
MBD701
MMBD701LT
Derate above 25
°C
MBD701
MMBD701LT
PF
280
200
2.8
2.0
mW
mW/
°C
Operating Junction Temperature
Range
TJ
−55 to +125
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage
(IR = 10 mAdc)
V(BR)R
70
V
Total Capacitance
(VR = 20 V, f = 1.0 MHz) Figure 1
CT
0.5
1.0
pF
Reverse Leakage
(VR = 35 V) Figure 3
IR
9.0
200
nAdc
Forward Voltage
(IF = 1.0 mAdc) Figure 4
VF
0.42
0.5
Vdc
Forward Voltage
(IF = 10 mAdc) Figure 4
VF
0.7
1.0
Vdc
http://onsemi.com
SOT−23 (TO−236)
CASE 318
STYLE 6
Preferred devices are recommended choices for future use
and best overall value.
1
2
3
Device
Package
Shipping
ORDERING INFORMATION
MBD701
TO−92
1,000 Units / Box
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
MBD701G
TO−92
(Pb−Free)
1,000 Units / Box
MMBD701LT1
SOT−23
3,000 / Tape & Reel
MMBD701LT1G
SOT−23
(Pb−Free)
3,000 / Tape & Reel
*Date Code orientation and/or overbar may vary
depending upon manufacturing location.
1
5H M
G
G
A
= Assembly Location
Y
= Year
WW = Work Week
5H
= Device Code (SOT−23)
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
MARKING
DIAGRAMS
3
CATHODE
1
ANODE
2
CATHODE
1
ANODE
TO−92 2−Lead
CASE 182
STYLE 1
1
2
MBD
701
AYWW
G
G
MMBD701LT3
SOT−23
10,000/Tape & Reel
MMBD701LT3G
SOT−23
(Pb−Free)
10,000/Tape & Reel


Numéro de pièce similaire - MMBD701LT3G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MMBD701LT3G ONSEMI-MMBD701LT3G Datasheet
128Kb / 4P
   Silicon Hot-Carrier Diodes Schottky Barrier Diodes
March, 2009 ??Rev. 5
MMBD701LT3G ONSEMI-MMBD701LT3G Datasheet
94Kb / 5P
   Silicon Hot-Carrier Diodes
October, 2016 ??Rev. 7
More results

Description similaire - MMBD701LT3G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MBD301 ONSEMI-MBD301_07 Datasheet
65Kb / 5P
   Silicon Hot?묬arrier Diodes SCHOTTKY Barrier Diodes
January, 2007 ??Rev. 4
MMBD452LT1 ONSEMI-MMBD452LT1_06 Datasheet
53Kb / 3P
   Dual Hot?묬arrier Diodes Schottky Barrier Diodes
February, 2006 ??Rev. 3
logo
Leshan Radio Company
MMBD301LT1 LRC-MMBD301LT1 Datasheet
54Kb / 2P
   Silicon Hot-Carrier Diodes Schottky Barrier Diodes
logo
ON Semiconductor
MBD701 ONSEMI-MBD701_09 Datasheet
128Kb / 4P
   Silicon Hot-Carrier Diodes Schottky Barrier Diodes
March, 2009 ??Rev. 5
logo
Leshan Radio Company
LMBD301LT1 LRC-LMBD301LT1 Datasheet
87Kb / 3P
   Silicon Hot-Carrier Diodes Schottky Barrier Diodes
LMBD301LT1G LRC-LMBD301LT1G Datasheet
110Kb / 3P
   Silicon Hot-Carrier Diodes Schottky Barrier Diodes
LMBD301LT1G LRC-LMBD301LT1G_11 Datasheet
112Kb / 3P
   Silicon Hot?밅arrier Diodes Schottky Barrier Diodes
logo
First Silicon Co., Ltd
FDR301 FS-FDR301 Datasheet
209Kb / 3P
   Silicon Hot?밅arrier Diodes Schottky Barrier Diodes
logo
Leshan Radio Company
LMDL301T1G LRC-LMDL301T1G Datasheet
135Kb / 3P
   Silicon Hot?밅arrier Diodes Schottky Barrier Diode
logo
ON Semiconductor
MMBD452LT1G ONSEMI-MMBD452LT1G_09 Datasheet
124Kb / 3P
   Dual Hot-Carrier Diodes Schottky Barrier Diodes
August, 2009 ??Rev. 4
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com