Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB1962 Fiches technique(PDF) 3 Page - Unisonic Technologies

No de pièce LB1962
Description  LINEAR INTEGRATED CIRCUIT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LB1962 Fiches technique(HTML) 3 Page - Unisonic Technologies

  LB1962 Datasheet HTML 1Page - Unisonic Technologies LB1962 Datasheet HTML 2Page - Unisonic Technologies LB1962 Datasheet HTML 3Page - Unisonic Technologies LB1962 Datasheet HTML 4Page - Unisonic Technologies LB1962 Datasheet HTML 5Page - Unisonic Technologies LB1962 Datasheet HTML 6Page - Unisonic Technologies LB1962 Datasheet HTML 7Page - Unisonic Technologies LB1962 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
UTCLB1962
LINEAR INTEGRATED CIRCUIT
UTC
UNISONIC TECHNOLOGIES CO., LTD.
3
www.unisonic.com
QW-R109-017,A
ELECTRICAL CHARACTERISTICS
(Ta=25℃, VCC=5V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
In drive mode ( CT=[L], ST=[L])
6.5
9.1
mA
In lockup protection mode
( CT=[H], ST=[L])
2.2
3.1
mA
Current drain
ICC
In standby mode ( ST=[H])
110
150
µA
Lockup detection
Capacitor charge current
ICT
1
1.9
2.8
3.7
µA
Capacitor discharge current
ICT
2
0.32
0.46
0.60
µA
Capacitor charge/discharge current
ratio
RCT
RCD=ICT
1/ICT2
5.0
6.0
7.0
CT charge voltage
VCT
1
2.55
2.75
2.95
V
CT discharge voltage
VCT
2
1.6
1.8
2.0
V
Output Low level voltage
VOL
IO=200mA
0.2
0.3
V
Output High level voltage
VOH
IO=200mA
3.9
4.1
V
Hall input sensitivity
VHN
Zero peak value
(Including offset and hysteresis)
7
15
mV
Output pin Low voltage
VFG
IRD, IFG=5mA
0.1
0.3
V
Output pin leakage current
IFGL
VRD, VFG=15V
30
µA
HB output Low voltage
VHBL
IHB=5mA
1.0
1.3
V
ST pin input current
IST
VST=5V
75
100
µA
TRUTH TABLE
ST
IN
-
IN
+
CT
OUT1
OUT2
FG
HB
Mode
H
off
off
off
off
Standby
H
L
H
L
H
L
H
L
L
H
L
L
Rotating
L
H
off
off
L
Lockup protection
activated


Numéro de pièce similaire - LB1962

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB1962M SANYO-LB1962M Datasheet
47Kb / 7P
   Fan Motor Single-Phase Full-Wave Drivers
LB1962M SANYO-LB1962M Datasheet
142Kb / 7P
   For Fan Motor Single-Phase Full-Wave Driver
logo
ON Semiconductor
LB1962MC ONSEMI-LB1962MC Datasheet
126Kb / 7P
   For Fan Motor Single-Phase Full-Wave Driver
May, 2013
LB1962MC-AH ONSEMI-LB1962MC-AH Datasheet
126Kb / 7P
   For Fan Motor Single-Phase Full-Wave Driver
May, 2013
More results

Description similaire - LB1962

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KA2804 SAMSUNG-KA2804 Datasheet
73Kb / 3P
   LINEAR INTEGRATED CIRCUIT
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA Datasheet
167Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2212 SAMSUNG-KA2212 Datasheet
167Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2655 SAMSUNG-KA2655 Datasheet
147Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
TA7342P ETC-TA7342P Datasheet
70Kb / 3P
   LINEAR INTEGRATED CIRCUIT
TA7613AP ETC-TA7613AP Datasheet
45Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
M4565 UTC-M4565 Datasheet
127Kb / 4P
   LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
Leshan Radio Company
LTL432ALT1G LRC-LTL432ALT1G_15 Datasheet
125Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UTA31101L-D16-T UTC-UTA31101L-D16-T Datasheet
335Kb / 7P
   LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com