Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM317LZ Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce LM317LZ
Description  100 mA Adjustable Output, Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM317LZ Fiches technique(HTML) 4 Page - ON Semiconductor

  LM317LZ Datasheet HTML 1Page - ON Semiconductor LM317LZ Datasheet HTML 2Page - ON Semiconductor LM317LZ Datasheet HTML 3Page - ON Semiconductor LM317LZ Datasheet HTML 4Page - ON Semiconductor LM317LZ Datasheet HTML 5Page - ON Semiconductor LM317LZ Datasheet HTML 6Page - ON Semiconductor LM317LZ Datasheet HTML 7Page - ON Semiconductor LM317LZ Datasheet HTML 8Page - ON Semiconductor LM317LZ Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LM317L
http://onsemi.com
4
ORDERING INFORMATION
Device
Operating Temperature Range
Package
Shipping
LM317LBD
TJ = −40°C to +125°C
SOIC−8
98 Units / Rail
LM317LBDG
SOIC−8 (Pb−Free)
98 Units / Rail
LM317LBDR2
SOIC−8
2500/Tape & Reel
LM317LBDR2G
SOIC−8 (Pb−Free)
2500/Tape & Reel
LM317LBZ
TO−92
2000 Units / Bag
LM317LBZG
TO−92 (Pb−Free)
2000 Units / Bag
LM317LBZRA
TO−92
2000 Tape & Reel
LM317LBZRAG
TO−92 (Pb−Free)
2000 Tape & Reel
LM317LBZRP
TO−92
2000 Ammo Pack
LM317LBZRPG
TO−92 (Pb−Free)
2000 Ammo Pack
LM317LD
TJ = 0°C to +125°C
SOIC−8
98 Units / Rail
LM317LDG
SOIC−8 (Pb−Free)
98 Units / Rail
LM317LDR2
SOIC−8
2500/Tape & Reel
LM317LDR2G
SOIC−8 (Pb−Free)
2500/Tape & Reel
LM317LZ
TO−92
2000 Units / Bag
LM317LZG
TO−92 (Pb−Free)
2000 Units / Bag
LM317LZRA
TO−92
2000 Tape & Reel
LM317LZRAG
TO−92 (Pb−Free)
2000 Tape & Reel
LM317LZRE
TO−92
2000 Tape & Reel
LM317LZRM
TO−92
2000 Ammo Pack
LM317LZRP
TO−92
2000 Ammo Pack
LM317LZRPG
TO−92 (Pb−Free)
2000 Ammo Pack
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
Representative Schematic Diagram
18k
6.8V
6.8V
350
300
300
300
3.0k
300
70
200k
2.5
60
50
130
8.67k
500
400
2.4k
12.8k
Vout
5.1k
6.3V
2.0k
6.0k
Adjust
Vin
180 180
10
p
F
10
p
F


Numéro de pièce similaire - LM317LZ

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM317LZ NSC-LM317LZ Datasheet
442Kb / 17P
   3-Terminal Adjustable Regulator
logo
ON Semiconductor
LM317LZ ONSEMI-LM317LZ Datasheet
184Kb / 12P
   LOW CURRENT THREE-TERMINAL ADJUSTABLE POSITIVE VOLTAGE REGULATOR
1996 Rev 1
logo
STMicroelectronics
LM317LZ STMICROELECTRONICS-LM317LZ Datasheet
130Kb / 8P
   LOW CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
February 2003
LM317LZ STMICROELECTRONICS-LM317LZ Datasheet
250Kb / 10P
   LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
February 2003
logo
Fairchild Semiconductor
LM317LZ FAIRCHILD-LM317LZ Datasheet
46Kb / 8P
   3-Terminal 0.1A Positive Adjustable Regulator
More results

Description similaire - LM317LZ

FabricantNo de pièceFiches techniqueDescription
logo
Estek Electronics Co. L...
IL317L ESTEK-IL317L Datasheet
213Kb / 2P
   100 mA Adjustable Output Positive Voltage Regulator
ET-IL317L ESTEK-ET-IL317L Datasheet
178Kb / 2P
   100 mA Adjustable output Positive Voltage Regulator
logo
ON Semiconductor
LM317L ONSEMI-LM317L_11 Datasheet
144Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
March, 2008 - Rev. 11
LM317L ONSEMI-LM317L_V01 Datasheet
337Kb / 15P
   Voltage Regulator - Adjustable Output, Positive 100 mA
April, 2021 - Rev. 14
LM317M ONSEMI-LM317M_11 Datasheet
232Kb / 14P
   500 mA Adjustable Output, Positive Voltage Regulator
September, 2011 ??Rev. 21
LM317M ONSEMI-LM317M_14 Datasheet
141Kb / 14P
   500 mA Adjustable Output Positive Voltage Regulator
August, 2014 ??Rev. 24
LM317M ONSEMI-LM317M_06 Datasheet
159Kb / 13P
   500 mA Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 14
logo
Estek Electronics Co. L...
ET-IL317L ESTEK-ET-IL317L Datasheet
178Kb / 2P
   100 mA Adjustable Output Positive VoltageRegulator
logo
Panasonic Semiconductor
AN78LXX PANASONIC-AN78LXX Datasheet
179Kb / 12P
   3-pin positive output voltage regulator (100 mA type)
logo
KODENSHI_AUK CORP.
SN317L KODENSHI-SN317L Datasheet
387Kb / 8P
   [100mA /Adjustable Output] Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com