Moteur de recherche de fiches techniques de composants électroniques |
|
CS51412EDR8G Fiches technique(PDF) 5 Page - ON Semiconductor |
|
CS51412EDR8G Fiches technique(HTML) 5 Page - ON Semiconductor |
5 / 20 page CS51411, CS51412, CS51413, CS51414 http://onsemi.com 5 ELECTRICAL CHARACTERISTICS (−40 °C < TJ < 125°C (CS51411E/2E/3E/4E); −40°C < TA < 85°C (CS51411E/2E/3E/4E); 0 °C < TA < 70°C (CS51411G/2G/3G/4G), 4.5 V< VIN < 40 V; unless otherwise specified.) Characteristic Test Conditions Min Typ Max Unit Sync Sync Frequency Range CS51411/CS51412 305 − 470 kHz Sync Frequency Range CS51413/CS51414 575 − 880 kHz Sync Pin Bias Current VSYNC = 0 V VSYNC = 5.0 V − 250 0.1 360 0.2 460 mA mA Sync Threshold Voltage − 1.0 1.5 1.9 V Shutdown Shutdown Threshold Voltage − 1.0 1.3 1.6 V Shutdown Pin Bias Current VSHDNB = 0 V 0.14 5.00 35 mA Thermal Shutdown Overtemperature Trip Point (Note 3) 175 185 195 °C Thermal Shutdown Hysteresis (Note 3) − 42 − °C General Quiescent Current ISW = 0 A 3.0 4.0 6.25 mA Shutdown Quiescent Current VSHDNB = 0 V 8.0 20 85 mA Boost Operating Current VBOOST − VSW = 2.5 V 6.0 15 40 mA/A Minimum Boost Voltage (Note 3) − − 2.5 V Startup Voltage − 2.2 3.3 4.4 V Minimum Output Current − − 7.0 12 mA 3. Guaranteed by design, not 100% tested in production. |
Numéro de pièce similaire - CS51412EDR8G |
|
Description similaire - CS51412EDR8G |