Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC337-40RL1 Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce BC337-40RL1
Description  Amplifier Transistors NPN Silicon
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC337-40RL1 Fiches technique(HTML) 3 Page - ON Semiconductor

  BC337-40RL1 Datasheet HTML 1Page - ON Semiconductor BC337-40RL1 Datasheet HTML 2Page - ON Semiconductor BC337-40RL1 Datasheet HTML 3Page - ON Semiconductor BC337-40RL1 Datasheet HTML 4Page - ON Semiconductor BC337-40RL1 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BC337, BC337−16, BC337−25, BC337−40, BC338−25
http://onsemi.com
3
CURRENT LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
1.0 ms
1.0 s
TJ = 135°C
TA = 25°C
TC = 25°C
dc
dc
(APPLIES BELOW RATED VCEO)
1000
10
100
1.0
3.0
10
30
VCE, COLLECTOR−EMITTER VOLTAGE
Figure 2. Active Region − Safe Operating Area
IC, COLLECTOR CURRENT (MA)
Figure 3. DC Current Gain
100
1000
10
1000
0.1
10
100
100
1.0
TJ = 135°C
100 ms
VCE = 1 V
TJ = 25°C
IB, BASE CURRENT (mA)
Figure 4. Saturation Region
IC, COLLECTOR CURRENT (mA)
Figure 5. “On” Voltages
100
10
1
VR, REVERSE VOLTAGE (VOLTS)
Figure 6. Temperature Coefficients
+1
IC, COLLECTOR CURRENT (mA)
Figure 7. Capacitances
0.1
1
1
10
100
1000
−2
−1
0
1.0
0.8
0.6
0.4
0.2
0
0.01
0.1
10
100
1
1.0
0.8
0.6
0.4
0.2
0
1
10
1000
100
10
100
TJ = 25°C
IC = 10 mA
TA = 25°C
VBE(sat) @ IC/IB = 10
VBE(on) @ VCE = 1 V
VCE(sat) @ IC/IB = 10
qVC for VCE(sat)
qVB for VBE
Cob
Cib
100 mA
300 mA
500 mA


Numéro de pièce similaire - BC337-40RL1

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
BC337-40RL1 ONSEMI-BC337-40RL1 Datasheet
82Kb / 6P
   Amplifier Transistors
July, 2004 ??Rev. 4
BC337-40RL1G ONSEMI-BC337-40RL1G Datasheet
70Kb / 5P
   Amplifier Transistors NPN SILICON
March, 2007 ??Rev. 6
BC337-40RL1G ONSEMI-BC337-40RL1G Datasheet
146Kb / 5P
   Amplifier Transistors
June, 2009 ??Rev. 7
More results

Description similaire - BC337-40RL1

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MPS918 ONSEMI-MPS918 Datasheet
62Kb / 4P
   Amplifier Transistors(NPN Silicon)
1996
2N5088 ONSEMI-2N5088_07 Datasheet
83Kb / 5P
   Amplifier Transistors NPN Silicon
March, 2007 ??Rev. 4
BC237 ONSEMI-BC237_06 Datasheet
54Kb / 4P
   Amplifier Transistors NPN Silicon
January, 2006 ??Rev. 4
2N5550 ONSEMI-2N5550_07 Datasheet
88Kb / 6P
   Amplifier Transistors NPN Silicon
March, 2007 ??Rev. 5
logo
New Jersey Semi-Conduct...
MPSU06F NJSEMI-MPSU06F Datasheet
83Kb / 1P
   NPN Silicon Amplifier Transistors
logo
Leshan Radio Company
MMBT6428LT1 LRC-MMBT6428LT1 Datasheet
209Kb / 4P
   Amplifier Transistors(NPN Silicon)
logo
ON Semiconductor
MBT6429DW1T1 ONSEMI-MBT6429DW1T1_05 Datasheet
79Kb / 5P
   Amplifier Transistors NPN Silicon
December, 2005 ??Rev. 2
BC237 ONSEMI-BC237 Datasheet
83Kb / 4P
   Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
Motorola, Inc
BD525 MOTOROLA-BD525 Datasheet
82Kb / 2P
   NPN SILICON AMPLIFIER TRANSISTORS
logo
ON Semiconductor
MPS918 ONSEMI-MPS918_06 Datasheet
46Kb / 3P
   Amplifier Transistors NPN Silicon
January, 2006 ??Rev. 3
2N5209 ONSEMI-2N5209 Datasheet
277Kb / 6P
   Amplifier Transistors(NPN Silicon)
1996
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com