Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS8371ET7 Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce CS8371ET7
Description  8.0 V/1.0 A, 5.0 V/250 mA Dual Regulator with Independent Output Enables and NOCAP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8371ET7 Fiches technique(HTML) 4 Page - ON Semiconductor

  CS8371ET7 Datasheet HTML 1Page - ON Semiconductor CS8371ET7 Datasheet HTML 2Page - ON Semiconductor CS8371ET7 Datasheet HTML 3Page - ON Semiconductor CS8371ET7 Datasheet HTML 4Page - ON Semiconductor CS8371ET7 Datasheet HTML 5Page - ON Semiconductor CS8371ET7 Datasheet HTML 6Page - ON Semiconductor CS8371ET7 Datasheet HTML 7Page - ON Semiconductor CS8371ET7 Datasheet HTML 8Page - ON Semiconductor CS8371ET7 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CS8371
http://onsemi.com
4
PACKAGE PIN DESCRIPTION
PACKAGE LEAD #
7 Lead TO−220
LEAD SYMBOL
FUNCTION
1
ENABLE1
ENABLE control for the 8.0 V, 1.0 A output.
2
ENABLE2
ENABLE control for the 5.0 V, 250 mA output.
3
VOUT2
5.0 V
±5.0%, 250 mA regulated output.
4
GND
Ground.
5
Sense
Sense feedback for the primary 8.0 V output.
6
VCC
Supply voltage, usually from battery.
7
VOUT1
8.0 V
±5.0%, 1.0 A regulated output.
TYPICAL PERFORMANCE CHARACTERISTICS
85
°C
−40
Ambient Temperature (
°C)
Ambient Temperature (
°C)
Figure 2. Regulator 1 Output Voltage
Figure 3. Regulator 2 Output Voltage
Output Current (mA)
Output Current (mA)
Figure 4. Regulator 1 Dropout Voltage
Figure 5. Regulator 2 Dropout Voltage
5.00
−20
2.5
50
8.05
8.04
8.03
8.02
8.01
8.00
7.99
7.98
7.97
7.96
7.95
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
−20
0
20
40
60
80
100
120
140
0
100 200
500
600
700
800 900
1000
300
400
0
20
40
60
80
100
120
140
−40
4.95
4.90
4.85
2.0
1.5
1.0
0.5
0
100
150
200
250
0
VIN = 14 V
IOUT = 1.0 A
VIN = 14 V
IOUT = 250 mA
25
°C
25
°C
85
°C
−40
°C
−40
°C


Numéro de pièce similaire - CS8371ET7

FabricantNo de pièceFiches techniqueDescription
logo
Cherry Semiconductor Co...
CS8371ET7 CHERRY-CS8371ET7 Datasheet
174Kb / 8P
   8V/1A, 5V/250mA Dual Regulator with Independent Output Enables and NoCap
More results

Description similaire - CS8371ET7

FabricantNo de pièceFiches techniqueDescription
logo
Cherry Semiconductor Co...
CS8371 CHERRY-CS8371 Datasheet
174Kb / 8P
   8V/1A, 5V/250mA Dual Regulator with Independent Output Enables and NoCap
logo
ON Semiconductor
CS9201 ONSEMI-CS9201 Datasheet
62Kb / 8P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with NOCAP
November, 2001 ??Rev. 13
CS9202 ONSEMI-CS9202_06 Datasheet
69Kb / 6P
   Micropower 3.3 V, 100 mA Linear Regulator with NOCAP
June, 2006 ??Rev. 14
NCV8508PD50 ONSEMI-NCV8508PD50 Datasheet
274Kb / 26P
   5.0 V, 250 mA LDO with Watchdog and RESET
October, 2007 - Rev. 25
CS8481 ONSEMI-CS8481 Datasheet
50Kb / 6P
   3.3 V/250 mA, 5.0 V/100 mA Micropower Low Dropout Regulator with ENABLE
January, 2004 ??Rev. 9
NCV8508 ONSEMI-NCV8508 Datasheet
89Kb / 12P
   5.0 V, 250 mA LDO with Watchdog and RESET
August, 2004 ??Rev. 20
NCV8508B ONSEMI-NCV8508B Datasheet
223Kb / 22P
   5.0 V and 3.3 V, 250 mA LDO with Watchdog and RESET
March, 2011 ??Rev. 3
CS9202 ONSEMI-CS9202 Datasheet
61Kb / 6P
   Micropower 3.3 V, 100 mA Linear Regulator with NOCAP
May, 2004 ??Rev. 12
CS2001 ONSEMI-CS2001 Datasheet
77Kb / 8P
   1.2 A Switching Regulator, and 5.0 V, 100 mA Linear Regulator with RESET
December, 2000 ??Rev. 5
CS8120 ONSEMI-CS8120 Datasheet
121Kb / 14P
   5.0 V, 300 mA Linear Regulator with RESET and ENABLE
January, 2004 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com