Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC337G Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce BC337G
Description  Amplifier Transistors NPN Silicon
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC337G Fiches technique(HTML) 2 Page - ON Semiconductor

  BC337G Datasheet HTML 1Page - ON Semiconductor BC337G Datasheet HTML 2Page - ON Semiconductor BC337G Datasheet HTML 3Page - ON Semiconductor BC337G Datasheet HTML 4Page - ON Semiconductor BC337G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BC337, BC337−16, BC337−25, BC337−40, BC338−25
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector −Emitter Breakdown Voltage
(IC = 10 mA, IB = 0)
BC337
BC338
V(BR)CEO
45
25
Vdc
Collector −Emitter Breakdown Voltage
(IC = 100 mA, IE = 0)
BC337
BC338
V(BR)CES
50
30
Vdc
Emitter −Base Breakdown Voltage
(IE = 10 mA, IC = 0)
V(BR)EBO
5.0
Vdc
Collector Cutoff Current
(VCB = 30 V, IE = 0)
BC337
(VCB = 20 V, IE = 0)
BC338
ICBO
100
100
nAdc
Collector Cutoff Current
(VCE = 45 V, VBE = 0)
BC337
(VCE = 25 V, VBE = 0)
BC338
ICES
100
100
nAdc
Emitter Cutoff Current
(VEB = 4.0 V, IC = 0)
IEBO
100
nAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 100 mA, VCE = 1.0 V)
BC337
BC337−16
BC337−25/BC338−25
BC337−40
(IC = 300 mA, VCE = 1.0 V)
hFE
100
100
160
250
60
630
250
400
630
Base−Emitter On Voltage
(IC = 300 mA, VCE = 1.0 V)
VBE(on)
1.2
Vdc
Collector −Emitter Saturation Voltage
(IC = 500 mA, IB = 50 mA)
VCE(sat)
0.7
Vdc
SMALL−SIGNAL CHARACTERISTICS
Output Capacitance
(VCB = 10 V, IE = 0, f = 1.0 MHz)
Cob
15
pF
Current −Gain − Bandwidth Product
(IC = 10 mA, VCE = 5.0 V, f = 100 MHz)
fT
210
MHz
Figure 1. Thermal Response
t, TIME (SECONDS)
0.001 0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
0.01
0.02
0.03
0.05
0.07
0.1
0.2
0.3
0.5
0.7
1.0
D = 0.5
0.2
0.1
0.05
0.02
0.01
SINGLE PULSE
qJC(t) = (t) qJC
qJC = 100°C/W MAX
qJA(t) = r(t) qJA
qJA = 375°C/W MAX
D CURVES APPLY FOR
POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) qJC(t)
t1
t2
P(pk)
DUTY CYCLE, D = t1/t2
SINGLE PULSE


Numéro de pièce similaire - BC337G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
BC337G ONSEMI-BC337G Datasheet
70Kb / 5P
   Amplifier Transistors NPN SILICON
March, 2007 ??Rev. 6
BC337G ONSEMI-BC337G Datasheet
146Kb / 5P
   Amplifier Transistors
June, 2009 ??Rev. 7
BC337G ONSEMI-BC337G Datasheet
146Kb / 5P
   Amplifier Transistors
June, 2009 ??Rev. 7
logo
Unisonic Technologies
BC337G-X-T92-B UTC-BC337G-X-T92-B Datasheet
117Kb / 3P
   SWITCHING AND AMPLIFIER APPLICATIONS
BC337G-x-T92-B UTC-BC337G-x-T92-B Datasheet
148Kb / 3P
   SWITCHING AND AMPLIFIER APPLICATIONS
More results

Description similaire - BC337G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MPS918 ONSEMI-MPS918 Datasheet
62Kb / 4P
   Amplifier Transistors(NPN Silicon)
1996
2N5088 ONSEMI-2N5088_07 Datasheet
83Kb / 5P
   Amplifier Transistors NPN Silicon
March, 2007 ??Rev. 4
BC237 ONSEMI-BC237_06 Datasheet
54Kb / 4P
   Amplifier Transistors NPN Silicon
January, 2006 ??Rev. 4
2N5550 ONSEMI-2N5550_07 Datasheet
88Kb / 6P
   Amplifier Transistors NPN Silicon
March, 2007 ??Rev. 5
logo
New Jersey Semi-Conduct...
MPSU06F NJSEMI-MPSU06F Datasheet
83Kb / 1P
   NPN Silicon Amplifier Transistors
logo
Leshan Radio Company
MMBT6428LT1 LRC-MMBT6428LT1 Datasheet
209Kb / 4P
   Amplifier Transistors(NPN Silicon)
logo
ON Semiconductor
MBT6429DW1T1 ONSEMI-MBT6429DW1T1_05 Datasheet
79Kb / 5P
   Amplifier Transistors NPN Silicon
December, 2005 ??Rev. 2
BC237 ONSEMI-BC237 Datasheet
83Kb / 4P
   Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
Motorola, Inc
BD525 MOTOROLA-BD525 Datasheet
82Kb / 2P
   NPN SILICON AMPLIFIER TRANSISTORS
logo
ON Semiconductor
MPS918 ONSEMI-MPS918_06 Datasheet
46Kb / 3P
   Amplifier Transistors NPN Silicon
January, 2006 ??Rev. 3
2N5209 ONSEMI-2N5209 Datasheet
277Kb / 6P
   Amplifier Transistors(NPN Silicon)
1996
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com