Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAV74LT1 Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce BAV74LT1
Description  Monolithic Dual Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAV74LT1 Fiches technique(HTML) 2 Page - ON Semiconductor

  BAV74LT1 Datasheet HTML 1Page - ON Semiconductor BAV74LT1 Datasheet HTML 2Page - ON Semiconductor BAV74LT1 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAV74LT1
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (EACH DIODE)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Reverse Breakdown Voltage
(I(BR) = 5.0 mAdc)
V(BR)
50
Vdc
Reverse Voltage Leakage Current, (Note 3)
(VR = 50 Vdc, TJ = 125°C)
(VR = 50 Vdc)
IR
100
0.1
mAdc
Diode Capacitance
(VR = 0, f = 1.0 MHz)
CD
2.0
pF
Forward Voltage
(IF = 100 mAdc)
VF
1.0
Vdc
Reverse Recovery Time
(IF = IR = 10 mAdc, IR(REC) = 1.0 mAdc, measured at IR = 1.0 mA, RL = 100 W)
trr
4.0
ns
3. For each individual diode while the second diode is unbiased.
100
0.2
0.4
VF, FORWARD VOLTAGE (VOLTS)
0.6
0.8
1.0
1.2
10
1.0
0.1
TA = 85°C
10
0
VR, REVERSE VOLTAGE (VOLTS)
1.0
0.1
0.01
0.001
10
20
30
40
50
1.0
0
VR, REVERSE VOLTAGE (VOLTS)
0.9
0.8
0.7
0.6
24
6
8
Figure 1. Forward Voltage
Figure 2. Leakage Current
Figure 3. Capacitance
TA = −40°C
TA = 25°C
TA = 150°C
TA = 125°C
TA = 85°C
TA = 55°C
TA = 25°C
Curves Applicable to Each Anode


Numéro de pièce similaire - BAV74LT1

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
BAV74LT1 MOTOROLA-BAV74LT1 Datasheet
72Kb / 4P
   Monolithic Dual Switching Diode
logo
Leshan Radio Company
BAV74LT1 LRC-BAV74LT1 Datasheet
46Kb / 2P
   Monolithic Dual Switching Diode
logo
Silicon Standard Corp.
BAV74LT1 SSC-BAV74LT1 Datasheet
106Kb / 2P
   Switching Diode
logo
ON Semiconductor
BAV74LT1 ONSEMI-BAV74LT1 Datasheet
122Kb / 3P
   Monolithic Dual Switching Diode
August, 2009 ??Rev. 5
BAV74LT1D ONSEMI-BAV74LT1D Datasheet
122Kb / 3P
   Monolithic Dual Switching Diode
August, 2009 ??Rev. 5
More results

Description similaire - BAV74LT1

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
BAV170LT1 LRC-BAV170LT1 Datasheet
38Kb / 2P
   Monolithic Dual Switching Diode
BAV74LT1 LRC-BAV74LT1 Datasheet
46Kb / 2P
   Monolithic Dual Switching Diode
logo
Micro Commercial Compon...
MMBD6100 MCC-MMBD6100 Datasheet
290Kb / 2P
   Monolithic Dual Switching Diode
logo
Motorola, Inc
BAV74LT1 MOTOROLA-BAV74LT1 Datasheet
72Kb / 4P
   Monolithic Dual Switching Diode
logo
ON Semiconductor
BAV74LT1G ONSEMI-BAV74LT1G Datasheet
122Kb / 3P
   Monolithic Dual Switching Diode
August, 2009 ??Rev. 5
logo
Zowie Technology Corpor...
MMBD2836G ZOWIE-MMBD2836G Datasheet
44Kb / 2P
   Monolithic Dual Switching Diode
MMBD2836 ZOWIE-MMBD2836 Datasheet
49Kb / 2P
   MONOLITHIC DUAL SWITCHING DIODE
logo
Leshan Radio Company
LBAV70TT1G LRC-LBAV70TT1G_15 Datasheet
125Kb / 3P
   Monolithic Dual Switching Diode
LBAW56DW1T1G LRC-LBAW56DW1T1G_15 Datasheet
165Kb / 3P
   Monolithic Dual Switching Diode
logo
ON Semiconductor
MMBD6100LT1G ONSEMI-MMBD6100LT1G Datasheet
89Kb / 3P
   Monolithic Dual Switching Diode
October, 2016 ??Rev. 4
logo
Leshan Radio Company
BAW156LT1 LRC-BAW156LT1 Datasheet
38Kb / 2P
   Monolithic Dual Switching Diode
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com