Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS8240YTQVA5 Fiches technique(PDF) 6 Page - ON Semiconductor

No de pièce CS8240YTQVA5
Description  500 mA High Side (PNP) Driver with On-Chip Flyback Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8240YTQVA5 Fiches technique(HTML) 6 Page - ON Semiconductor

  CS8240YTQVA5 Datasheet HTML 1Page - ON Semiconductor CS8240YTQVA5 Datasheet HTML 2Page - ON Semiconductor CS8240YTQVA5 Datasheet HTML 3Page - ON Semiconductor CS8240YTQVA5 Datasheet HTML 4Page - ON Semiconductor CS8240YTQVA5 Datasheet HTML 5Page - ON Semiconductor CS8240YTQVA5 Datasheet HTML 6Page - ON Semiconductor CS8240YTQVA5 Datasheet HTML 7Page - ON Semiconductor CS8240YTQVA5 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CS8240
http://onsemi.com
6
PACKAGE DIMENSIONS
TO–220
FIVE LEAD
TQ SUFFIX
CASE 314D–04
ISSUE E
–Q–
1234 5
U
K
D
G
A
B
5 PL
J
H
L
E
C
M
Q
M
0.356 (0.014)
T
SEATING
PLANE
–T–
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.572
0.613 14.529 15.570
B
0.390
0.415
9.906 10.541
C
0.170
0.180
4.318
4.572
D
0.025
0.038
0.635
0.965
E
0.048
0.055
1.219
1.397
G
0.067 BSC
1.702 BSC
H
0.087
0.112
2.210
2.845
J
0.015
0.025
0.381
0.635
K
0.990
1.045 25.146 26.543
L
0.320
0.365
8.128
9.271
Q
0.140
0.153
3.556
3.886
U
0.105
0.117
2.667
2.972
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION D DOES NOT INCLUDE
INTERCONNECT BAR (DAMBAR) PROTRUSION.
DIMENSION D INCLUDING PROTRUSION SHALL
NOT EXCEED 10.92 (0.043) MAXIMUM.
TO–220
FIVE LEAD
TQVA SUFFIX
CASE 314N–01
ISSUE O
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION D DOES NOT INCLUDE
INTERCONNECT BAR (DAMBAR) PROTRUSION.
DIMENSION D INCLUDING PROTRUSION SHALL
NOT EXCEED 10.92 (0.043) MAXIMUM.
4. LEADS MAINTAIN A RIGHT ANGLE WITH
RESPECT TO THE PACKAGE BODY TO WITHIN
$0.015 ".
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
0.604
0.614
15.34
15.60
INCHES
B
0.395
0.405
10.03
10.29
C
0.175
0.185
4.44
4.70
D
0.027
0.037
0.69
0.94
E
0.100
0.110
2.54
2.79
F
0.712
0.727
18.08
18.47
G
0.067 BSC
1.70 BSC
H
0.020
0.030
0.51
0.76
J
0.014
0.022
0.36
0.56
K
0.889
0.904
22.58
22.96
L
0.324
0.339
8.23
8.61
M
0.115
0.130
2.92
3.30
N
0.115
0.125
2.92
3.17
–T– SEATING
PLANE
M
S
E
C
K
F
D 5 PL
M
Q
M
0.356 (0.014)
T
G
U
B
–Q–
H
A
N
12
345
L
J
R
W
Q
0.120
0.130
3.05
3.30
R
0.292
0.342
7.42
8.69
S
0.133
0.183
3.38
4.65
U
0.480
0.495
12.19
12.57
W
5 °
5 °


Numéro de pièce similaire - CS8240YTQVA5

FabricantNo de pièceFiches techniqueDescription
logo
Cherry Semiconductor Co...
CS8240YTFVA5 CHERRY-CS8240YTFVA5 Datasheet
142Kb / 5P
   500mA High Side (PNP) Driver with On-Chip Flyback Diode
More results

Description similaire - CS8240YTQVA5

FabricantNo de pièceFiches techniqueDescription
logo
Cherry Semiconductor Co...
CS8240 CHERRY-CS8240 Datasheet
142Kb / 5P
   500mA High Side (PNP) Driver with On-Chip Flyback Diode
logo
National Semiconductor ...
LM3555 NSC-LM3555 Datasheet
120Kb / 2P
   Synchronous Boost Converter with 500 mA High Side LED Driver and Dual-Mode Control Interfacev
logo
Texas Instruments
LM3555TLE TI-LM3555TLE Datasheet
1Mb / 33P
[Old version datasheet]   LM3555 Synchronous Boost Converter with 500 mA High Side LED Driver and Dual-Mode Control Interface
logo
Microchip Technology
MCP1401 MICROCHIP-MCP1401_14 Datasheet
350Kb / 20P
   Tiny 500 mA, High-Speed Power MOSFET Driver
03/25/14
MCP1401 MICROCHIP-MCP1401 Datasheet
266Kb / 20P
   Tiny 500 mA, High-Speed Power MOSFET Driver
logo
NXP Semiconductors
PMSTA55 NXP-PMSTA55 Datasheet
93Kb / 8P
   500 mA PNP general-purpose transistors
Rev. 05-1 February 2010
logo
Nexperia B.V. All right...
PMSTA55 NEXPERIA-PMSTA55 Datasheet
704Kb / 8P
   500 mA PNP general-purpose transistors
Rev. 05 - 1 February 2010
logo
Texas Instruments
THS6012 TI1-THS6012_16 Datasheet
1Mb / 37P
[Old version datasheet]   500-mA DUAL DIFFERENTIAL LINE DRIVER
THS6012 TI-THS6012 Datasheet
604Kb / 35P
[Old version datasheet]   500-mA DUAL DIFFERENTIAL LINE DRIVER
logo
NXP Semiconductors
SA57022-XX PHILIPS-SA57022-XX Datasheet
80Kb / 8P
   500 mA LDO with ON/OFF control and Vref bypass
2003 Oct 13
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com