Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZXMP62M832 Fiches technique(PDF) 2 Page - Zetex Semiconductors

No de pièce ZXMP62M832
Description  MPPS Miniature Package Power Solutions DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZETEX [Zetex Semiconductors]
Site Internet  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMP62M832 Fiches technique(HTML) 2 Page - Zetex Semiconductors

  ZXMP62M832 Datasheet HTML 1Page - Zetex Semiconductors ZXMP62M832 Datasheet HTML 2Page - Zetex Semiconductors ZXMP62M832 Datasheet HTML 3Page - Zetex Semiconductors ZXMP62M832 Datasheet HTML 4Page - Zetex Semiconductors ZXMP62M832 Datasheet HTML 5Page - Zetex Semiconductors ZXMP62M832 Datasheet HTML 6Page - Zetex Semiconductors ZXMP62M832 Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZXMP62M832
PROVISIONAL ISSUE A - MAY 2002
2
PARAMETER
SYMBOL
VALUE
UNIT
Junction to Ambient (a)(f)
RθJA
83.3
°C/W
Junction to Ambient (b)(f)
RθJA
51
°C/W
Junction to Ambient (c)(f)
RθJA
125
°C/W
Junction to Ambient (d)(f)
RθJA
111
°C/W
Junction to Ambient (d)(g)
RθJA
73.5
°C/W
Junction to Ambient (e)(g)
RθJA
41.7
°C/W
THERMAL RESISTANCE
Notes
(a) For a dual device surface mounted on 8 sq cm single sided 2oz copper on FR4 PCB, in still air conditions with all exposed pads attached. The
copper are is split down the centre line into two separate areas with one half connected to each half of the dual device.
(b) Measured at t<5 secs for a dual device surface mounted on 8 sq cm single sided 2oz copper on FR4 PCB, in still air conditions with all exposed
pads attached. The copper are is split down the centre line into two separate areas with one half connected to each half of the dual device.
(c) For a dual device surface mounted on 8 sq cm single sided 2oz copper on FR4 PCB, in still air conditions with minimal lead connections only.
(d) For a dual device surface mounted on 10 sq cm single sided 1oz copper on FR4 PCB, in still air conditions with all exposed pads attached
attached. The copper are is split down the centre line into two separate areas with one half connected to each half of the dual device.
(e) For a dual device surface mounted on 85 sq cm single sided 2oz copper on FR4 PCB, in still air conditions with all exposed pads attached
attached. The copper are is split down the centre line into two separate areas with one half connected to each half of the dual device.
(f) For a dual device with one active die.
(g) For dual device with 2 active die running at equal power.
(h) Repetitive rating - pulse width limited by max junction temperature. Refer to Transient Thermal Impedance graph.
(i) The minimum copper dimensions required for mounting are no smaller than the exposed metal pads on the base if the device as shown in the
package dimensions data. The thermal resistance for a dual device mounted on 1.5mm thick FR4 board using minimum copper 1 oz weight, 1mm
wide tracks and one half of the device active is Rth = 250°C/W giving a power rating of Ptot = 500mW.
PARAMETER
SYMBOL
P-Channel
UNIT
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGS
12
V
Continuous Drain Current@VGS=10V; TA=25 C (b)(f)
@VGS=10V; TA=70 C (b)(f)
@VGS=10V; TA=25 C (a)(f)
ID
-1.6
-1.3
-1.3
A
A
A
Pulsed Drain Current
IDM
-5.6
A
Continuous Source Current (Body Diode)(b)(f)
IS
-2.7
A
Pulsed Source Current (Body Diode)
ISM
-5.6
A
Power Dissipation at TA=25°C (a)(f)
Linear Derating Factor
PD
1.5
12
W
mW/°C
Power Dissipation at TA=25°C (b)(f)
Linear Derating Factor
PD
2.45
19.6
W
mW/°C
Power Dissipation at TA=25°C (c)(f)
Linear Derating Factor
PD
1
8
W
mW/°C
Power Dissipation at TA=25°C (d)(f)
Linear Derating Factor
PD
1.13
8
W
mW/°C
Power Dissipation at TA=25°C (d)(g)
Linear Derating Factor
PD
1.7
13.6
W
mW/°C
Power Dissipation at TA=25°C (e)(g)
Linear Derating Factor
PD
3
24
W
mW/°C
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ABSOLUTE MAXIMUM RATINGS.


Numéro de pièce similaire - ZXMP62M832

FabricantNo de pièceFiches techniqueDescription
logo
Zetex Semiconductors
ZXMP6A13F ZETEX-ZXMP6A13F Datasheet
212Kb / 7P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP6A13F ZETEX-ZXMP6A13F Datasheet
210Kb / 8P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP6A13F DIODES-ZXMP6A13F Datasheet
300Kb / 8P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP6A13FQ DIODES-ZXMP6A13FQ Datasheet
288Kb / 8P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP6A13FQTA DIODES-ZXMP6A13FQTA Datasheet
288Kb / 8P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Description similaire - ZXMP62M832

FabricantNo de pièceFiches techniqueDescription
logo
Zetex Semiconductors
ZXMN3AM832 ZETEX-ZXMN3AM832 Datasheet
201Kb / 7P
   MPPS Miniature Package Power Solutions DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMC3AM832 ZETEX-ZXMC3AM832 Datasheet
280Kb / 10P
   MPPS??Miniature Package Power Solutions COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
ZXSDS2M832 ZETEX-ZXSDS2M832 Datasheet
202Kb / 6P
   MPPS Miniature Package Power Solutions
ZXTD2M832 ZETEX-ZXTD2M832 Datasheet
213Kb / 6P
   MPPS Miniature Package Power Solutions DUAL 20V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXTD2M832 ZETEX-ZXTD2M832_07 Datasheet
205Kb / 6P
   MPPS??Miniature Package Power Solutions DUAL 20V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXTBM322 ZETEX-ZXTBM322 Datasheet
177Kb / 6P
   MPPS??Miniature Package Power Solutions 20V NPN LOW SATURATION TRANSISTOR
ZXT2M322 ZETEX-ZXT2M322_07 Datasheet
164Kb / 6P
   MPPS??Miniature Package Power Solutions 20V PNP LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT2M322 DIODES-ZXT2M322 Datasheet
363Kb / 6P
   MPPS??Miniature Package Power Solutions 20V PNP LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT2M322 ZETEX-ZXT2M322 Datasheet
179Kb / 6P
   MPPS Miniature Package Power Solutions 20V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXTDBM832 ZETEX-ZXTDBM832 Datasheet
224Kb / 6P
   MPPS-TM Miniature Package Power Solutions DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com