Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS5201-1GDPR3 Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce CS5201-1GDPR3
Description  1.0 A Adjustable Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5201-1GDPR3 Fiches technique(HTML) 5 Page - ON Semiconductor

  CS5201-1GDPR3 Datasheet HTML 1Page - ON Semiconductor CS5201-1GDPR3 Datasheet HTML 2Page - ON Semiconductor CS5201-1GDPR3 Datasheet HTML 3Page - ON Semiconductor CS5201-1GDPR3 Datasheet HTML 4Page - ON Semiconductor CS5201-1GDPR3 Datasheet HTML 5Page - ON Semiconductor CS5201-1GDPR3 Datasheet HTML 6Page - ON Semiconductor CS5201-1GDPR3 Datasheet HTML 7Page - ON Semiconductor CS5201-1GDPR3 Datasheet HTML 8Page - ON Semiconductor CS5201-1GDPR3 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CS5201−1
http://onsemi.com
5
R1 is chosen so that the minimum load current is at least
2.0 mA. R1 and R2 should be the same type, e.g. metal film
for best tracking overtemperature. While not required, a
bypass capacitor from the adjust pin to ground will improve
ripple rejection and transient response. A 0.1
mF tantalum
capacitor is recommended for “first cut” design. Type and
value may be varied to obtain optimum performance vs.
price.
Figure 11. Resistor Divider Scheme
VIN
CS5201−1
VOUT
Adj
VREF
R1
R2
VOUT
VIN
C1
C2
CAdj
IAdj
Short Circuit Protection
The CS5201−1 linear regulator has an absolute maximum
specification of 7.0 V for the voltage difference between VIN
and VOUT. However, the IC may be used to regulate voltages
in excess of 7.0 V. The main considerations in such a design
are power−up and short circuit capability.
In most applications, ramp−up of the power supply to VIN
is fairly slow, typically on the order of several tens of
milliseconds, while the regulator responds in less than one
microsecond. In this case, the linear regulator begins
charging the load as soon as the VIN to VOUT differential is
large enough that the pass transistor conducts current. The
load at this point is essentially at ground, and the supply
voltage is on the order of several hundred millivolts, with the
result that the pass transistor is in dropout. As the supply to
VIN increases, the pass transistor will remain in dropout, and
current is passed to the load until VOUT reaches the point at
which the IC is in regulation. Further increase in the supply
voltage brings the pass transistor out of dropout. The result
is that the output voltage follows the power supply ramp−up,
staying in dropout until the regulation point is reached. In
this manner, any output voltage may be regulated. There is
no theoretical limit to the regulated voltage as long as the
VIN to VOUT differential of 7.0 V is not exceeded.
However, the possibility of destroying the IC in a short
circuit condition is very real for this type of design. Short
circuit conditions will result in the immediate operation of
the pass transistor outside of its safe operating area.
Over−voltage stresses will then cause destruction of the pass
transistor before overcurrent or thermal shutdown circuitry
can become active. Additional circuitry may be required to
clamp the VIN to VOUT differential to less than 7.0 V if
fail−safe operation is required. One possible clamp circuit is
illustrated in Figure 12; however, the design of clamp
circuitry must be done on an application by application
basis. Care must be taken to ensure the clamp actually
protects the design. Components used in the clamp design
must be able to withstand the short circuit condition
indefinitely while protecting the IC.
Figure 12. Short Circuit Protection Circuit for
High Voltage Application.
VIN
VOUT
VAdj
EXTERNAL SUPPLY
VOUT
Stability Considerations
The output compensation capacitor helps determine three
main characteristics of a linear regulator: startup delay, load
transient response, and loop stability.
The capacitor value and type is based on cost, availability,
size and temperature constraints. A tantalum or aluminum
electrolytic capacitor is best, since a film or ceramic
capacitor with almost zero ESR can cause instability. The
aluminum electrolytic capacitor is the least expensive
solution. However, when the circuit operates at low
temperatures, both the value and ESR of the capacitor will
vary considerably. The capacitor manufacturer’s data sheet
provides this information.
A 22
mF tantalum capacitor will work for most
applications, but with high current regulators such as the
CS5201−1 the transient response and stability improve with
higher values of capacitance. The majority of applications
for this regulator involve large changes in load current so the
output capacitor must supply the instantaneous load current.
The ESR of the output capacitor causes an immediate drop
in output voltage given by:
DV + DI
ESR
For microprocessor applications it is customary to use an
output capacitor network consisting of several tantalum and
ceramic capacitors in parallel. This reduces the overall ESR
and reduces the instantaneous output voltage drop under
transient load conditions. The output capacitor network
should be as close to the load as possible for the best results.


Numéro de pièce similaire - CS5201-1GDPR3

FabricantNo de pièceFiches techniqueDescription
logo
Cherry Semiconductor Co...
CS5201-1GDPR3 CHERRY-CS5201-1GDPR3 Datasheet
171Kb / 7P
   1A Adjustable Linear Regulator
More results

Description similaire - CS5201-1GDPR3

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CS52015-1 ONSEMI-CS52015-1 Datasheet
242Kb / 9P
   1.5 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
CS5205A-1 ONSEMI-CS5205A-1 Datasheet
219Kb / 8P
   5.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
CS5203-1 ONSEMI-CS5203-1 Datasheet
248Kb / 10P
   3.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
CS5207-1 ONSEMI-CS5207-1 Datasheet
203Kb / 7P
   7.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 6
CS5201-3 ONSEMI-CS5201-3 Datasheet
191Kb / 8P
   1.0 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 8
logo
Cherry Semiconductor Co...
CS5201-1 CHERRY-CS5201-1 Datasheet
171Kb / 7P
   1A Adjustable Linear Regulator
CS5203-1 CHERRY-CS5203-1 Datasheet
165Kb / 8P
   3A Adjustable Linear Regulator
logo
Solid States Devices, I...
SVR003 SSDI-SVR003_15 Datasheet
103Kb / 3P
   ADJUSTABLE LINEAR VOLTAGE REGULATOR
logo
Cherry Semiconductor Co...
CS52015-1 CHERRY-CS52015-1 Datasheet
173Kb / 7P
   1.5A Adjustable Linear Regulator
CS5207-1 CHERRY-CS5207-1 Datasheet
135Kb / 6P
   7A Adjustable Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com