Moteur de recherche de fiches techniques de composants électroniques |
|
CS4121 Fiches technique(PDF) 10 Page - ON Semiconductor |
|
CS4121 Fiches technique(HTML) 10 Page - ON Semiconductor |
10 / 12 page CS4121 http://onsemi.com 10 1 1 R3 R4 R2 C3 C1 D2 R1 D1 GND COSINE SINE C4 CCP RT + Speedo Input Battery Air Core Gauge 200 W CP+ CP− SQOUT F/VOUT VREG GND GND SINE+ SINE− BIAS FREQIN GND GND COS+ COS− VCC Speedometer CS8441 C2 Odometer Air Core Stepper Motor 200 W Trim Resistor ± 20 PPM/°C 243 k W 0.1 mF 1.0 A 600 PIV 3.9, 500 mW 10 k W 3.0 k W 1.0 k W 0.0033 mF 0.47 mF 0.1 mF 50 V, 500 mW Zener Figure 10. Speedometer With Odometer or Tachometer Application Notes: 1. The product of C4 and RT have a direct effect on gain and therefore directly affect temperature compensation. 2. CCP Range; 20 pF to 0.2 mF. 3. RT Range; 100 kW to 500 kW. 4. The Ic must be protected from transients above 60 V and reverse battery conditions. 5. Additional filtering on FREQIN lead may be required. 6. Gauge coil connections to the IC must be kept as short as possible ( ≤ 3.0 inch) for best pointer stability. ± 30 PPM/°C |
Numéro de pièce similaire - CS4121 |
|
Description similaire - CS4121 |