Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA3007D1PW Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA3007D1PW
Description  6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPA3007D1PW Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPA3007D1PW Datasheet HTML 6Page - Texas Instruments TPA3007D1PW Datasheet HTML 7Page - Texas Instruments TPA3007D1PW Datasheet HTML 8Page - Texas Instruments TPA3007D1PW Datasheet HTML 9Page - Texas Instruments TPA3007D1PW Datasheet HTML 10Page - Texas Instruments TPA3007D1PW Datasheet HTML 11Page - Texas Instruments TPA3007D1PW Datasheet HTML 12Page - Texas Instruments TPA3007D1PW Datasheet HTML 13Page - Texas Instruments TPA3007D1PW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
www.ti.com
APPLICATION INFORMATION
APPLICATION CIRCUIT
INN
INP
GAIN0
SHUTDOWN
PGND
VCLAMP
BSN
PVCC
OUTN
OUTN
PGND
VCC
VREF
BYPASS
COSC
ROSC
AGND
AGND
BSP
PVCC
OUTP
GAIN1
OUTP
PGND
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
R3
51
C9
0.22
µF
C6
1
µF
D1
VCC
C12
220 pF
C11
1
µF
C3
1
µF
C4
1
µF
VCC
L2
(Ferrite
Bead)
L1
(Ferrite
Bead)
C15
1 nF
C14
1 nF
D2
R2
51
C8
0.22
µF
C5
1
µF
C7
10
µF
C10
1
µF
C1
0.47
µF
C2
0.47
µF
IN−
IN+
GAIN SELECT
GAIN SELECT
SHUTDOWN
CONTROL
U1
TPA3007D1
L1, L2: Fair-Rite, Part Number 2512067007Y3
D1, D2: Diodes, Inc., Part Number B130
VCC
R1
120 k
CLASS-D OPERATION
TRADITIONAL CLASS-D MODULATION SCHEME
TPA3007D1
SLOS418A – SEPTEMBER 2003 – REVISED DECEMBER 2004
Figure 13. Typical Application Circuit
This section focuses on the class-D operation of the TPA3007D1.
The traditional class-D modulation scheme, which is used in the TPA032D0x family, has a differential output
where each output is 180 degrees out of phase and changes from ground to the supply voltage, VCC. Therefore,
the differential prefiltered output varies between positive and negative VCC, where filtered 50% duty cycle yields 0
V across the load. The traditional class-D modulation scheme with voltage and current waveforms is shown in
Figure 14. Note that even at an average of 0 V across the load (50% duty cycle), the current to the load is high,
causing high loss, thus causing a high supply current.
10


Numéro de pièce similaire - TPA3007D1PW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA3007D1PW TI-TPA3007D1PW Datasheet
279Kb / 20P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1PW TI1-TPA3007D1PW Datasheet
654Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1PWG4 TI1-TPA3007D1PWG4 Datasheet
654Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1PWR TI-TPA3007D1PWR Datasheet
279Kb / 20P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1PWR TI1-TPA3007D1PWR Datasheet
654Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results

Description similaire - TPA3007D1PW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA3007D1 TI-TPA3007D1_15 Datasheet
609Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI1-TPA3007D1_17 Datasheet
654Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI-TPA3007D1 Datasheet
279Kb / 20P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2107 EUTECH-EUA2107 Datasheet
176Kb / 1P
   6.5-W Mono Class-D Audio Power Amplifier
logo
Micro Electronics
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM_07 Datasheet
221Kb / 13P
   2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
TMPA401DM ETC-TMPA401DM Datasheet
222Kb / 12P
   15-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3001D1 TI-TPA3001D1 Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03 Datasheet
339Kb / 24P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D01 TI-TPA032D01_07 Datasheet
540Kb / 25P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03_07 Datasheet
571Kb / 27P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com