Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA3004D2PHPRG4 Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce TPA3004D2PHPRG4
Description  12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPA3004D2PHPRG4 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPA3004D2PHPRG4 Datasheet HTML 3Page - Texas Instruments TPA3004D2PHPRG4 Datasheet HTML 4Page - Texas Instruments TPA3004D2PHPRG4 Datasheet HTML 5Page - Texas Instruments TPA3004D2PHPRG4 Datasheet HTML 6Page - Texas Instruments TPA3004D2PHPRG4 Datasheet HTML 7Page - Texas Instruments TPA3004D2PHPRG4 Datasheet HTML 8Page - Texas Instruments TPA3004D2PHPRG4 Datasheet HTML 9Page - Texas Instruments TPA3004D2PHPRG4 Datasheet HTML 10Page - Texas Instruments TPA3004D2PHPRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
TPA3004D2
SLOS407D − FEBRUARY 2003 − REVISED AUGUST 2004
www.ti.com
7
AC CHARACTERISTICS FOR CLASS-D OUTPUTS
TA = 25°C, VCC = 12 V, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
kSVR
Supply ripple rejection ratio
VCC = 11.5 V to 12.5 V from 10 Hz
to 1 kHz, Gain = 36 dB
−67
dB
PO(max)
Maximum continuous output power
RL = 4 Ω
7.5
W
PO(max)
Maximum continuous output power
(thermally limited)
RL = 8 Ω, VCC = 15 V
12
W
Vn
Output integrated noise floor
20 Hz to 22 kHz, No weighting filter,
Gain = 0.5 dB
−82
dBV
Crosstalk, Class-D−Left
→ Class-D−Right
Gain = 13.2 dB, PO = 1 W, RL = 8 Ω
−77
dB
Crosstalk, Class-D
→ VAROUT
Maximum output at THD < 0.5%,
Gain = 36 dB
−63
dB
SNR
Signal-to-noise ratio
Maximum output at THD+N < 0.5%,
f= 1 kHz, Gain = 0.5 dB
102
dB
Thermal trip point
150
°C
Thermal hystersis
20
°C
CHARACTERISTICS FOR VAROUT OUTPUTS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
|VOS|
Output offset voltage
Measured between V2P5 and VAROUT,
Gain = 20 dB, RL = 10 kΩ
10
65
mV
THD+N
Total harmonic distortion + noise
AV = 7.3 dB, f = 1 kHz,
PO = 6 mW, RL = 32 Ω
0.025%
THD+N
Total harmonic distortion + noise
AV = 7.3 dB, f = 1 kHz,
RL = 2 kΩ, VO = 1 Vrms
0.002%
PSRR
DC power supply rejection ratio
Gain = 20 dB
−74
dB
kSVR
Supply ripple rejection ratio
Gain = 20 dB, f = 1 kHz
−95
dB
Crosstalk, VAROUTL
→ VAROUTR
Maximum output at THD < 0.5%,
Gain = 20 dB
−60
dB
Crosstalk, VAROUT
→ Class-D
Maximum output at THD < 0.5%,
Gain = 20 dB
−74
dB
Vn
Output integrated noise floor
20 Hz to 22 kHz, Gain = 20 dB
75
V
Vn
Output integrated noise floor
20 Hz to 22 kHz, Gain = −0.3 dB
15
µV


Numéro de pièce similaire - TPA3004D2PHPRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA3004D2PHP TI-TPA3004D2PHP Datasheet
696Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results

Description similaire - TPA3004D2PHPRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA3004 TI-TPA3004 Datasheet
696Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004D2 TI-TPA3004D2_15 Datasheet
879Kb / 47P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3003D2 TI-TPA3003D2 Datasheet
489Kb / 33P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3002D2 TI-TPA3002D2 Datasheet
372Kb / 34P
[Old version datasheet]   9-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA2008D2 TI-TPA2008D2_07 Datasheet
644Kb / 24P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA2008D2 TI-TPA2008D2_15 Datasheet
697Kb / 26P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Richtek Technology Corp...
RT9104 RICHTEK-RT9104 Datasheet
254Kb / 13P
   3W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Power Analog Micoelectr...
PAM8610 PAM-PAM8610 Datasheet
326Kb / 17P
   10W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Diodes Incorporated
PAM8610 DIODES-PAM8610 Datasheet
426Kb / 15P
   10W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Anpec Electronics Corop...
APA2603 ANPEC-APA2603 Datasheet
503Kb / 25P
   3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com