Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SA1774 Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce 2SA1774
Description  PNP Silicon General Purpose Amplifier Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SA1774 Fiches technique(HTML) 3 Page - ON Semiconductor

  2SA1774_06 Datasheet HTML 1Page - ON Semiconductor 2SA1774_06 Datasheet HTML 2Page - ON Semiconductor 2SA1774_06 Datasheet HTML 3Page - ON Semiconductor 2SA1774_06 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SA1774
http://onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 1. IC − VCE
VCE, COLLECTOR VOLTAGE (V)
Figure 2. DC Current Gain
IC, COLLECTOR CURRENT (mA)
Figure 3. Collector Saturation Region
IB, BASE CURRENT (mA)
Figure 4. On Voltage
IC, COLLECTOR CURRENT (mA)
0
120
90
60
30
0
36
9
15
1000
0.1
100
10
1
10
100
TA = 25°C
TA = −25°C
TA = 75°C
VCE = 10 V
2
0.01
1.5
1
0.5
0
0.1
1
10
100
TA = 25°C
900
0.2
800
700
600
500
400
300
200
100
0.5
1
5
10
20
40
60
80 100 150 200
TA = 25°C
VCE = 5 V
12
0
TA = 25°C
300 mA
IB = 50 mA
100
150
200
250
Figure 5. Capacitance
VCB (V)
Figure 6. Capacitance
VEB (V)
13
0
12
11
10
9
6
12
3
4
14
0
12
10
8
6
4
0
10
20
30
40
8
7
2


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn