Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SA1020 Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce 2SA1020
Description  One Watt High Current PNP Transistor VOLTAGE AND CURRENT ARE NEGATIVE FOR PNP TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SA1020 Fiches technique(HTML) 3 Page - ON Semiconductor

  2SA1020 Datasheet HTML 1Page - ON Semiconductor 2SA1020 Datasheet HTML 2Page - ON Semiconductor 2SA1020 Datasheet HTML 3Page - ON Semiconductor 2SA1020 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SA1020
http://onsemi.com
3
IC, COLLECTOR CURRENT (mA)
−10 −20
−50 −100 −200 −500
250
0
25
50
75
100
125
200
175
150
225
−1.0 A −2.0 A −4.0 A
VCE = −2.0 V
TJ = 125°C
25
°C
−55
°C
Figure 1. Typical DC Current Gain
IC, COLLECTOR CURRENT (mA)
0
Figure 2. On Voltages
−50
−2.0
−1.8
−1.6
−1.4
−1.2
−1.0
−0.4
−0.8
−0.6
−0.2
−100
−200
−500 −1.0 A −2.0 A −4.0 A
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE(on) @ VCE = 2.0 V
−10
−4.0
−2.0
−1.0
−0.5
−0.2
−0.1
−0.02
−0.01
−1.0
−2.0
−5.0
−10
−20
−50
−100
100 ms
1.0 ms
TA = 25°C
TC = 25°C
WIRE LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
−0.05
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
IB, BASE CURRENT (mA)
Figure 3. Collector Saturation Region
TJ = 25°C
IC = −10 mA IC = −100 mA
IC = −500 mA IC = −2.0 A
−0.05
−1.0
0
−0.1
−0.2
−0.3
−0.4
−0.5
−0.6
−0.7
−0.8
−0.9
−0.1−0.2 −0.5−1.0−2.0 −5.0 −10 −20 −50 −100−200 −500
Figure 4. Safe Operating Area


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn