Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STGW40NC60V Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce STGW40NC60V
Description  N-CHANNEL 50A - 600V - TO-247 Very Fast PowerMESH IGBT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW40NC60V Fiches technique(HTML) 3 Page - STMicroelectronics

  STGW40NC60V Datasheet HTML 1Page - STMicroelectronics STGW40NC60V Datasheet HTML 2Page - STMicroelectronics STGW40NC60V Datasheet HTML 3Page - STMicroelectronics STGW40NC60V Datasheet HTML 4Page - STMicroelectronics STGW40NC60V Datasheet HTML 5Page - STMicroelectronics STGW40NC60V Datasheet HTML 6Page - STMicroelectronics STGW40NC60V Datasheet HTML 7Page - STMicroelectronics STGW40NC60V Datasheet HTML 8Page - STMicroelectronics STGW40NC60V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
STGW40NC60V
ELECTRICAL CHARACTERISTICS (CONTINUED)
Table 7: Dynamic
Table 8: Switching On
2) Eon is the turn-on losses when a typical diode is used in the test circuit in figure 2. If the IGBT is offered in a package with a co-pack diode,
the co-pack diode is used as external diode. IGBTs & DIODE are at the same temperature (25°C and 125°C)
Table 9: Switching Off
(3)Turn-off losses include also the tail of the collector current.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs(1)
Forward Transconductance
VCE = 15 V, IC= 20 A
20
S
Cies
Coes
Cres
Input Capacitance
Output Capacitance
Reverse Transfer
Capacitance
VCE = 25V, f = 1 MHz, VGE = 0
4550
350
105
pF
pF
pF
Qg
Qge
Qgc
Total Gate Charge
Gate-Emitter Charge
Gate-Collector Charge
VCE = 390 V, IC = 40 A,
VGE = 15V,
(see Figure 20)
214
30
96
nC
nC
nC
ICL
Turn-Off SOA Minimum
Current
Vclamp = 480 V , Tj = 150°C
RG = 100 Ω, VGE= 15V
200
A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
(di/dt)on
Eon (2)
Turn-on Delay Time
Current Rise Time
Turn-on Current Slope
Turn-on Switching Losses
VCC = 390 V, IC = 40 A
RG=3.3Ω, VGE= 15V, Tj= 25°C
(see Figure 18)
43
17
2060
330
450
ns
ns
A/µs
µJ
td(on)
tr
(di/dt)on
Eon (2)
Turn-on Delay Time
Current Rise Time
Turn-on Current Slope
Turn-on Switching Losses
VCC = 390 V, IC = 40 A
RG=3.3Ω, VGE= 15V, Tj=
125°C
(see Figure 18)
42
19
1900
640
ns
ns
A/µs
µJ
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tr(Voff)
Off Voltage Rise Time
Vcc = 390 V, IC = 40 A,
RGE = 3.3 Ω , VGE = 15 V
TJ = 25 °C
(see Figure 18)
25
ns
td(off)
Turn-off Delay Time
140
ns
tf
Current Fall Time
45
ns
Eoff (3)
Turn-off Switching Loss
720
970
µJ
Ets
Total Switching Loss
1050
1420
µJ
tr(Voff)
Off Voltage Rise Time
Vcc = 390 V, IC = 40 A,
RGE = 3.3 Ω , VGE = 15 V
Tj = 125 °C
(see Figure 18)
60
ns
td(off)
Turn-off Delay Time
170
ns
tf
Current Fall Time
77
ns
Eoff (3)
Turn-off Switching Loss
1400
µJ
Ets
Total Switching Loss
2040
µJ


Numéro de pièce similaire - STGW40NC60V

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STGW40NC60V STMICROELECTRONICS-STGW40NC60V Datasheet
319Kb / 9P
   N-CHANNEL 50A - 600V TO-247 Hyper Fast PowerMESH??IGBT
More results

Description similaire - STGW40NC60V

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STGW40NC60V STMICROELECTRONICS-STGW40NC60V Datasheet
319Kb / 9P
   N-CHANNEL 50A - 600V TO-247 Hyper Fast PowerMESH??IGBT
STGW50NB60H STMICROELECTRONICS-STGW50NB60H Datasheet
50Kb / 5P
   N-CHANNEL 50A - 600V TO-247 PowerMESH IGBT
STGW50NB60M STMICROELECTRONICS-STGW50NB60M Datasheet
299Kb / 9P
   N-CHANNEL 50A - 600V - TO-247 PowerMESH??IGBT
STGW20NC60VD STMICROELECTRONICS-STGW20NC60VD Datasheet
303Kb / 11P
   N-CHANNEL 30A - 600V TO-247 Very Fast PowerMESH IGBT
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD Datasheet
340Kb / 10P
   N-CHANNEL 40A - 600V - TO-247 Very Fast PowerMESH??IGBT
STGY40NC60VD STMICROELECTRONICS-STGY40NC60VD Datasheet
290Kb / 14P
   N-channel 600V - 50A - Max247 Very fast PowerMESH??IGBT
STGY40NC60V STMICROELECTRONICS-STGY40NC60V Datasheet
303Kb / 11P
   N-CHANNEL 50A - 600V - Max247 Very Fast PowerMESH IGBT
STGY50NC60WD STMICROELECTRONICS-STGY50NC60WD Datasheet
134Kb / 11P
   N-channel 600V - 50A - Max247 Very fast PowerMESH IGBT
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_07 Datasheet
323Kb / 14P
   N-channel 40A - 600V - TO-247 Very fast switching PowerMESH??IGBT
STGW40NC60WD STMICROELECTRONICS-STGW40NC60WD Datasheet
283Kb / 14P
   N-channel 40A - 600V - TO-247 Very fast switching PowerMESH IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com