Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

UP1753 Fiches technique(PDF) 1 Page - Unisonic Technologies

No de pièce UP1753
Description  HIGH CURRENT LOW V TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UP1753 Fiches technique(HTML) 1 Page - Unisonic Technologies

  UP1753 Datasheet HTML 1Page - Unisonic Technologies UP1753 Datasheet HTML 2Page - Unisonic Technologies UP1753 Datasheet HTML 3Page - Unisonic Technologies UP1753 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UP1753
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R220-020,A
HIGH CURRENT
LOW VCE(SAT) TRANSISTOR
DESCRIPTION
The UTC UP1753 is specially designed to have high current and
low VCE(SAT) to suit for power amplifier application and power
switching application.
FEATURES
*VCE(SAT) typ is below 300mV at 5A
* Max continuous current 6 A
* BVCEO is 100V minimum.
SOT-223
1
*Pb-free plating product number: UP1753L
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
UP1753-AA3-R
UP1753L-AA3-R
SOT-223
B
C
E
Tape Reel
UP1753L-AA3-R
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) R: Tape Reel
(2) AA3: SOT-223
(3) L: Lead Free Plating, Blank: Pb/Sn


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn