Moteur de recherche de fiches techniques de composants électroniques |
|
STGD14NC60KT4 Fiches technique(PDF) 5 Page - STMicroelectronics |
|
STGD14NC60KT4 Fiches technique(HTML) 5 Page - STMicroelectronics |
5 / 16 page STGB14NC60K - STGD14NC60K Electrical characteristics 5/16 Table 5. Switching on/off (inductive load) Symbol Parameter Test condictions Min. Typ. Max. Unit td(on) tr (di/dt)on Turn-on delay time Current rise time Turn-on current slope VCC = 390V, IC = 7A RG=10Ω, VGE= 15V, Tj= 25°C (see Figure 16) 22.5 8.5 700 ns ns A/µs td(on) tr (di/dt)on Turn-on delay time Current rise time Turn-on current slope VCC = 390V, IC = 7A RG=10Ω, VGE= 15V, Tj= 125°C (see Figure 16) 22 9.5 680 ns ns A/µs tr(Voff) td(off) tf Off voltage rise time Turn-off delay time Current fall time Vcc = 390V, IC = 7A, RGE = 10Ω , VGE = 15V TJ = 25°C (see Figure 16) 60 116 75 ns ns ns tr(Voff) td(off) tf Off voltage rise time Turn-off delay time Current fall time Vcc = 390V, IC = 7A, RGE = 10Ω , VGE = 15V Tj = 125°C (see Figure 16) 24 196 144 ns ns ns Table 6. Switching energy (inductive load) Symbol Parameter Test condictions Min Typ. Max Unit Eon (1) Eoff (2) Ets 1. Eon is the turn-on losses when a typical diode is used in the test circuit in figure 2. If the IGBT is offered in a package with a co-pack diode, the co-pack diode is used as external diode. IGBTs & DIODE are at the same temperature (25°C and 125°C) 2. Turn-off losses include also the tail of the collector current. Turn-on switching losses Turn-off switching losses Total switching losses VCC = 390V, IC = 7A RG=10Ω, VGE= 15V, Tj= 25°C (see Figure 16) 82 155 237 µJ µJ µJ Eon (1) Eoff (2) Ets Turn-on switching losses Turn-off switching losses Total switching losses VCC = 390V, IC = 7A RG=10Ω, VGE= 15V, Tj= 125°C (see Figure 16) 131 370 501 µJ µJ µJ |
Numéro de pièce similaire - STGD14NC60KT4 |
|
Description similaire - STGD14NC60KT4 |