Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STD110NH02L Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STD110NH02L
Description  N-channel 24V - 0.0044ohm - 80A - DPAK STripFET TM III Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD110NH02L Fiches technique(HTML) 5 Page - STMicroelectronics

  STD110NH02L Datasheet HTML 1Page - STMicroelectronics STD110NH02L Datasheet HTML 2Page - STMicroelectronics STD110NH02L Datasheet HTML 3Page - STMicroelectronics STD110NH02L Datasheet HTML 4Page - STMicroelectronics STD110NH02L Datasheet HTML 5Page - STMicroelectronics STD110NH02L Datasheet HTML 6Page - STMicroelectronics STD110NH02L Datasheet HTML 7Page - STMicroelectronics STD110NH02L Datasheet HTML 8Page - STMicroelectronics STD110NH02L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
STD110NH02L
Electrical characteristics
5/15
Table 5.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD = 10V, ID = 40A,
RG = 4.7Ω, VGS = 10V
Figure 13 on page 8
14
224
69
40
54
ns
ns
ns
ns
Table 6.
Source drain diode
Symbol
Parameter
Test conditions
Min
Typ.
Max
Unit
ISD
Source-drain current
80
A
ISDM
Source-drain current (pulsed)
320
A
VSD
(1)
1.
Pulsed: pulse duration=300µs, duty cycle 1.5%
Forward on voltage
ISD = 40A, VGS = 0
1.3
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 80A,
di/dt = 100A/µs,
VDD = 15V, TJ = 150°C
Figure 15 on page 8
47
58
2.5
ns
µC
A


Numéro de pièce similaire - STD110NH02L

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STD110NH02L STMICROELECTRONICS-STD110NH02L Datasheet
498Kb / 11P
   N-CHANNEL 24V - 0.0044 ohm - 80A DPAK STripFET??III POWER MOSFET
More results

Description similaire - STD110NH02L

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STD110NH02L STMICROELECTRONICS-STD110NH02L Datasheet
498Kb / 11P
   N-CHANNEL 24V - 0.0044 ohm - 80A DPAK STripFET??III POWER MOSFET
STD38NH02L STMICROELECTRONICS-STD38NH02L_06 Datasheet
496Kb / 16P
   N-channel 24V - 0.011ohm - 38A - DPAK/IPAK STripFET TM III Power MOSFET
STD90N02L STMICROELECTRONICS-STD90N02L Datasheet
805Kb / 17P
   N-channel 24V - 0.0052ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
STD50NH02L STMICROELECTRONICS-STD50NH02L_06 Datasheet
500Kb / 16P
   N-channel 24V - 0.0085ohm - 50A - DPAK/IPAK STripFET TM III Power MOSFET
STD70N02L STMICROELECTRONICS-STD70N02L Datasheet
817Kb / 17P
   N-channel 24V - 0.0068ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
STD95NH02L STMICROELECTRONICS-STD95NH02L_06 Datasheet
463Kb / 15P
   N-channel 24V - 0.005239ohm - 80A - DPAK Ultra low gate charge STripFET TM Power MOSFET
STD36NH02L STMICROELECTRONICS-STD36NH02L Datasheet
766Kb / 13P
   N-channel 24V - 0.011ohm - 30A - DPAK STripFET III Power MOSFET
STD90NH02L STMICROELECTRONICS-STD90NH02L_06 Datasheet
479Kb / 16P
   N-channel 24V - 0.0052ohm - 60A - DPAK/IPAK STripFET TM Power MOSFET
STB100NH02L STMICROELECTRONICS-STB100NH02L Datasheet
409Kb / 13P
   N-CHANNEL 24V - 0.0052ohm - 60A D2PAK STripFET TM III POWER MOSFET
STD100NH03L STMICROELECTRONICS-STD100NH03L_06 Datasheet
472Kb / 15P
   N-channel 30V - 0.005ohm - 60A - DPAK STripFET TM III Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com