Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STD50NH02LT4 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce STD50NH02LT4
Description  N-channel 24V - 0.0085ohm - 50A - DPAK/IPAK STripFET TM III Power MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD50NH02LT4 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button STD50NH02LT4 Datasheet HTML 7Page - STMicroelectronics STD50NH02LT4 Datasheet HTML 8Page - STMicroelectronics STD50NH02LT4 Datasheet HTML 9Page - STMicroelectronics STD50NH02LT4 Datasheet HTML 10Page - STMicroelectronics STD50NH02LT4 Datasheet HTML 11Page - STMicroelectronics STD50NH02LT4 Datasheet HTML 12Page - STMicroelectronics STD50NH02LT4 Datasheet HTML 13Page - STMicroelectronics STD50NH02LT4 Datasheet HTML 14Page - STMicroelectronics STD50NH02LT4 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
STD50NH02L - STD50NH02L-1
Package mechanical data
11/16
5
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com


Numéro de pièce similaire - STD50NH02LT4

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STD50NH02L STMICROELECTRONICS-STD50NH02L Datasheet
534Kb / 12P
   N-CHANNEL 24V - 0.0085 ohm - 50A DPAK/IPAK STripFET??III POWER MOSFET
logo
VBsemi Electronics Co.,...
STD50NH02L-1 VBSEMI-STD50NH02L-1 Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Description similaire - STD50NH02LT4

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STD38NH02L STMICROELECTRONICS-STD38NH02L_06 Datasheet
496Kb / 16P
   N-channel 24V - 0.011ohm - 38A - DPAK/IPAK STripFET TM III Power MOSFET
STD50NH02L STMICROELECTRONICS-STD50NH02L Datasheet
534Kb / 12P
   N-CHANNEL 24V - 0.0085 ohm - 50A DPAK/IPAK STripFET??III POWER MOSFET
STD90N02L STMICROELECTRONICS-STD90N02L Datasheet
805Kb / 17P
   N-channel 24V - 0.0052ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
STD70N02L STMICROELECTRONICS-STD70N02L Datasheet
817Kb / 17P
   N-channel 24V - 0.0068ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
STD90NH02L STMICROELECTRONICS-STD90NH02L_06 Datasheet
479Kb / 16P
   N-channel 24V - 0.0052ohm - 60A - DPAK/IPAK STripFET TM Power MOSFET
STD110NH02L STMICROELECTRONICS-STD110NH02L_06 Datasheet
463Kb / 15P
   N-channel 24V - 0.0044ohm - 80A - DPAK STripFET TM III Power MOSFET
STD100NH02L STMICROELECTRONICS-STD100NH02L_06 Datasheet
475Kb / 16P
   N-channel 24V - 0.0042ohm - 60A - DPAK - IPAK STripFET TM II Power MOSFET
STD38NH02L STMICROELECTRONICS-STD38NH02L Datasheet
527Kb / 12P
   N-CHANNEL 24V - 0.011 ohm - 38A DPAK/IPAK STripFET??III POWER MOSFET
STD60NH03L STMICROELECTRONICS-STD60NH03L_06 Datasheet
503Kb / 16P
   N-channel 30V - 0.0075ohm - 60A - DPAK/IPAK STripFET TM III Power MOSFET
STD70N03L STMICROELECTRONICS-STD70N03L Datasheet
337Kb / 16P
   N-channel 30V - 0.0059ohm - 70A - DPAK / IPAK STripFET TM III Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com