Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9983AKSTZ-1701 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD9983AKSTZ-1701
Description  High Performance 8-Bit Display Interface
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9983AKSTZ-1701 Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD9983AKSTZ-1701 Datasheet HTML 3Page - Analog Devices AD9983AKSTZ-1701 Datasheet HTML 4Page - Analog Devices AD9983AKSTZ-1701 Datasheet HTML 5Page - Analog Devices AD9983AKSTZ-1701 Datasheet HTML 6Page - Analog Devices AD9983AKSTZ-1701 Datasheet HTML 7Page - Analog Devices AD9983AKSTZ-1701 Datasheet HTML 8Page - Analog Devices AD9983AKSTZ-1701 Datasheet HTML 9Page - Analog Devices AD9983AKSTZ-1701 Datasheet HTML 10Page - Analog Devices AD9983AKSTZ-1701 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
Preliminary Technical Data
AD9983A
Rev. PrA | Page 7 of 44
GREEN 7
GREEN 6
GREEN 5
GREEN 4
GREEN 3
GREEN 2
GREEN 1
GREEN 0
NC
NC
BLUE 7
BLUE 6
BLUE 2
BLUE 3
BLUE 4
BLUE 5
O/E FIELD
REFHI
REFLO
PWRDN
RAIN1
RAIN0
VD
SOGIN1
GAIN1
VD
SOGIN0
GAIN0
VD
BAIN0
BAIN1
VD
AD9983A
TOP VIEW
(Not to Scale)
NC = NO CONNECT
16
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
32
17
18
19 20
21
22
23
24
25
26 27
28
29
30 31
33
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
49
64
63
62 61
60
59
58
57
56
55 54
53
52
51 50
29
PIN 1
INDICATOR
Figure 3. 64-Lead LFCSP Pin Configuration
Table 4. Complete Pinout List
Pin Number
Pin Type
80-Lead LQFP
64-Lead LFCSP
Mnemonic
Function
Value
Inputs
14
43
RAIN0
Channel 0 Analog Input for Converter R
0.0 V to 1.0 V
16
44
RAIN1
Channel 1 Analog Input for Converter R
0.0 V to 1.0 V
6
37
GAIN0
Channel 0 Analog Input for Converter G
0.0 V to 1.0 V
10
40
GAIN1
Channel 1 Analog Input for Converter G
0.0 V to 1.0 V
2
34
BAIN0
Channel 0 Analog Input for Converter B
0.0 V to 1.0 V
4
35
BAIN1
Channel 1 Analog Input for Converter B
0.0 V to 1.0 V
70
26
HSYNC0
Horizontal Sync Input for Channel 0
3.3 V CMOS
68
24
HSYNC1
Horizontal Sync Input for Channel 1
3.3 V CMOS
71
27
VSYNC0
Vertical Sync Input for Channel 0
3.3 V CMOS
69
25
VSYNC1
Vertical Sync Input for Channel 1
3.3 V CMOS
8
38
SOGIN0
Input for Sync-on-Green Channel 0
0.0 V to 1.0 V
12
41
SOGIN1
Input for Sync-on-Green Channel 1
0.0 V to 1.0 V
721
28
EXTCK
External Clock Input
3.3 V CMOS
73
29
CLAMP
External Clamp Input Signal
3.3 V CMOS
721
28
COAST
External PLL Coast Signal Input
3.3 V CMOS
17
45
PWRDN
Power-Down Control
3.3 V CMOS


Numéro de pièce similaire - AD9983AKSTZ-1701

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9983A AD-AD9983A Datasheet
916Kb / 44P
   High Performance 8-Bit Display Interface
REV. 0
AD9983A AD-AD9983A_15 Datasheet
916Kb / 44P
   High Performance 8-Bit Display Interface
REV. 0
More results

Description similaire - AD9983AKSTZ-1701

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9983A AD-AD9983A_15 Datasheet
916Kb / 44P
   High Performance 8-Bit Display Interface
REV. 0
AD9980 AD-AD9980 Datasheet
967Kb / 44P
   High Performance 8-Bit Display Interface
REV. 0
AD9980 AD-AD9980_15 Datasheet
967Kb / 44P
   High Performance 8-Bit Display Interface
REV. 0
AD9984A AD-AD9984A Datasheet
844Kb / 44P
   High Performance 10-Bit Display Interface
REV. 0
AD9981 AD-AD9981 Datasheet
972Kb / 44P
   High Performance 10-Bit Display Interface
REV. 0
AD9981 AD-AD9981_15 Datasheet
973Kb / 44P
   High Performance 10-Bit Display Interface
REV. 0
AD9984A AD-AD9984A_15 Datasheet
845Kb / 44P
   High Performance 10-Bit Display Interface
REV. 0
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2 Datasheet
903Kb / 74P
   High Performance 8-bit Microcontrollers
logo
OKI electronic componet...
MSM65512A OKI-MSM65512A Datasheet
189Kb / 23P
   High Performance 8-Bit Microcontroller
logo
Zilog, Inc.
Z8F0423SB005SG ZILOG-Z8F0423SB005SG Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com