Moteur de recherche de fiches techniques de composants électroniques |
|
AD9983AKCPZ-140 Fiches technique(PDF) 8 Page - Analog Devices |
|
AD9983AKCPZ-140 Fiches technique(HTML) 8 Page - Analog Devices |
8 / 44 page AD9983A Preliminary Technical Data Rev. PrA | Page 8 of 44 Pin Number Pin Type 80-Lead LQFP 64-Lead LFCSP Mnemonic Function Value Outputs 28 to 35 54 to 61 RED [7:0] Outputs of Converter R, Bit 9 is the MSB 3.3 V CMOS 42 to 49 1 to 8 GREEN [7:0] Outputs of Converter G, Bit 9 is the MSB 3.3 V CMOS 54 to 61 11 to 18 BLUE [7:0] Outputs of Converter B, Bit 9 is the MSB 3.3 V CMOS 25 52 DATACK Data Output Clock 3.3 V CMOS 23 50 HSOUT Hsync Output Clock (Phase-Aligned with DATACK) 3.3 V CMOS 222 49 VSOUT Vsync Output Clock 3.3 V CMOS 24 51 SOGOUT Sync-on-Green Slicer Output 3.3 V CMOS 21 48 O/E FIELD Odd/Even Field Output 3.3 V CMOS References 78 31 FILT Connection for External Filter Components for Internal PLL 18 46 REFLO Connection for External Capacitor for Input Amplifier 20 47 REFHI Connection for External Capacitor for Input Amplifier Power Supply 1, 5, 9, 13 33, 36, 39, 42 VD Analog Power Supply 1.8 V 26, 38, 52, 64 21, 53 VDD Output Power Supply 1.8 V or 3.3 V 74, 76, 79 30, 32 PVD PLL Power Supply 1.8 V 41 64 DAVDD Digital Logic Power Supply 1.8 V 3, 7, 11, 15, 39, 40, 53, 65, 75, 77, 80 GND Ground 0 V Control 66 22 SDA Serial Port Data I/O 3.3 V CMOS 67 23 SCL Serial Port Data Clock (100 kHz maximum) 3.3 V CMOS 222 49 A0 Serial Port Address Input 3.3 V CMOS 1 EXTCK and COAST share the same pin. 2 VSOUT and A0 share the same pin. |
Numéro de pièce similaire - AD9983AKCPZ-140 |
|
Description similaire - AD9983AKCPZ-140 |