Moteur de recherche de fiches techniques de composants électroniques |
|
SN74HCT139PWR Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
SN74HCT139PWR Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 11 page SN54HCT139, SN74HCT139 DUAL 2LINE TO 4LINE DECODERS/DEMULTIPLEXERS SCLS066D − MARCH 1982 − REVISED SEPTEMBER 2003 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description/ordering information (continued) The ’HCT139 devices comprise two individual 2-line to 4-line decoders in a single package. The active-low enable (G) input can be used as a data line in demultiplexing applications. These decoders/demultiplexers feature fully buffered inputs, each of which represents only one normalized load to its driving circuit. FUNCTION TABLE INPUTS OUTPUTS G SELECT OUTPUTS G B A Y0 Y1 Y2 Y3 H X X H H H H L L LL HH H L L HH LH H L H LH HLH L H H H H H L logic diagram (positive logic) 1G 1Y0 1Y1 1Y2 1Y3 2Y0 2Y1 2Y2 2Y3 1A 1B 2G 2A 2B Pin numbers shown are for the D, DB, J, N, PW, and W packages. 1 2 3 15 14 13 4 5 6 7 12 11 10 9 |
Numéro de pièce similaire - SN74HCT139PWR |
|
Description similaire - SN74HCT139PWR |