Moteur de recherche de fiches techniques de composants électroniques |
|
TLC1550I Fiches technique(PDF) 10 Page - Texas Instruments |
|
TLC1550I Fiches technique(HTML) 10 Page - Texas Instruments |
10 / 16 page PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) TLC1550IDW ACTIVE SOIC DW 24 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLC1550IDWG4 ACTIVE SOIC DW 24 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLC1550IDWR ACTIVE SOIC DW 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLC1550IDWRG4 ACTIVE SOIC DW 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLC1550IFN ACTIVE PLCC FN 28 37 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLC1550IFNR ACTIVE PLCC FN 28 750 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLC1550INW OBSOLETE PDIP NW 24 TBD Call TI Call TI TLC1550MFKB OBSOLETE LCCC FK 28 TBD Call TI Call TI TLC1550MJ OBSOLETE CDIP J 24 TBD Call TI Call TI TLC1550MJB OBSOLETE CDIP J 24 TBD Call TI Call TI TLC1551IDW ACTIVE SOIC DW 24 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLC1551IDWG4 ACTIVE SOIC DW 24 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLC1551IDWR ACTIVE SOIC DW 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLC1551IDWRG4 ACTIVE SOIC DW 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLC1551IFN ACTIVE PLCC FN 28 37 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLC1551IFNG4 ACTIVE PLCC FN 28 37 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. TBD: The Pb-Free/Green conversion plan has not been defined. Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes. Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above. Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material) (3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature. PACKAGE OPTION ADDENDUM www.ti.com 16-Mar-2007 Addendum-Page 1 |
Numéro de pièce similaire - TLC1550I_07 |
|
Description similaire - TLC1550I_07 |