Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATMEGA32-16AC Fiches technique(PDF) 81 Page - ATMEL Corporation

No de pièce ATMEGA32-16AC
Description  8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash
Download  347 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA32-16AC Fiches technique(HTML) 81 Page - ATMEL Corporation

Back Button ATMEGA32-16AC Datasheet HTML 77Page - ATMEL Corporation ATMEGA32-16AC Datasheet HTML 78Page - ATMEL Corporation ATMEGA32-16AC Datasheet HTML 79Page - ATMEL Corporation ATMEGA32-16AC Datasheet HTML 80Page - ATMEL Corporation ATMEGA32-16AC Datasheet HTML 81Page - ATMEL Corporation ATMEGA32-16AC Datasheet HTML 82Page - ATMEL Corporation ATMEGA32-16AC Datasheet HTML 83Page - ATMEL Corporation ATMEGA32-16AC Datasheet HTML 84Page - ATMEL Corporation ATMEGA32-16AC Datasheet HTML 85Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 347 page
background image
81
ATmega32(L)
2503J–AVR–10/06
When OC0 is connected to the pin, the function of the COM01:0 bits depends on the
WGM01:0 bit setting. Table 39 shows the COM01:0 bit functionality when the WGM01:0
bits are set to a normal or CTC mode (non-PWM).
Table 40 shows the COM01:0 bit functionality when the WGM01:0 bits are set to fast
PWM mode.
Note:
1. A special case occurs when OCR0 equals TOP and COM01 is set. In this case, the
compare match is ignored, but the set or clear is done at BOTTOM. See “Fast PWM
Mode” on page 75 for more details.
Table 41 shows the COM01:0 bit functionality when the WGM01:0 bits are set to phase
correct PWM mode.
Note:
1. A special case occurs when OCR0 equals TOP and COM01 is set. In this case, the
compare match is ignored, but the set or clear is done at TOP. See “Phase Correct
PWM Mode” on page 76 for more details.
Table 39. Compare Output Mode, non-PWM Mode
COM01
COM00
Description
0
0
Normal port operation, OC0 disconnected.
0
1
Toggle OC0 on compare match
1
0
Clear OC0 on compare match
1
1
Set OC0 on compare match
Table 40. Compare Output Mode, Fast PWM Mode(1)
COM01
COM00
Description
0
0
Normal port operation, OC0 disconnected.
01
Reserved
1
0
Clear OC0 on compare match, set OC0 at BOTTOM,
(nin-inverting mode)
1
1
Set OC0 on compare match, clear OC0 at BOTTOM,
(inverting mode)
Table 41. Compare Output Mode, Phase Correct PWM Mode
(1)
COM01
COM00
Description
0
0
Normal port operation, OC0 disconnected.
01
Reserved
1
0
Clear OC0 on compare match when up-counting. Set OC0 on compare
match when downcounting.
1
1
Set OC0 on compare match when up-counting. Clear OC0 on compare
match when downcounting.


Numéro de pièce similaire - ATMEGA32-16AC

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
ATMEGA32-16AC ATMEL-ATMEGA32-16AC Datasheet
4Mb / 317P
   8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash
More results

Description similaire - ATMEGA32-16AC

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
ATMEGA32 ATMEL-ATMEGA32 Datasheet
4Mb / 317P
   8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA328P ATMEL-ATMEGA328P Datasheet
8Mb / 294P
   8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P_08 Datasheet
332Kb / 22P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P_06 Datasheet
3Mb / 336P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_08 Datasheet
471Kb / 25P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA324PA ATMEL-ATMEGA324PA Datasheet
546Kb / 24P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A Datasheet
427Kb / 18P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P Datasheet
346Kb / 25P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32 ATMEL-ATMEGA32_08 Datasheet
5Mb / 346P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_1 Datasheet
5Mb / 385P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com