Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDCL6010RGZR Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce CDCL6010RGZR
Description  1.8V, 11 Output Clock Multiplier, Distributor, Jitter Cleaner, and Buffer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CDCL6010RGZR Fiches technique(HTML) 4 Page - Texas Instruments

  CDCL6010RGZR Datasheet HTML 1Page - Texas Instruments CDCL6010RGZR Datasheet HTML 2Page - Texas Instruments CDCL6010RGZR Datasheet HTML 3Page - Texas Instruments CDCL6010RGZR Datasheet HTML 4Page - Texas Instruments CDCL6010RGZR Datasheet HTML 5Page - Texas Instruments CDCL6010RGZR Datasheet HTML 6Page - Texas Instruments CDCL6010RGZR Datasheet HTML 7Page - Texas Instruments CDCL6010RGZR Datasheet HTML 8Page - Texas Instruments CDCL6010RGZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
www.ti.com
DC ELECTRICAL CHARACTERISTICS
AC ELECTRICAL CHARACTERISTICS
CDCL6010
SLLS780 – FEBRUARY 2007
Over recommended operating conditions (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IVDD
Total current from digital 1.8V supply
All outputs enabled; VDD = VDD,typ
270
mA
30.72MHz input; 61.44MHz output
IAVDD
Total current from analog 1.8V supply
All outputs enabled; AVDD = VDD,typ
85
mA
30.72MHz input; 61.44MHz output
VIL,CMOS
Low level CMOS input voltage
VDD = 1.8V
–0.2
0.6
V
VIH,CMOS
High level CMOS input voltage
VDD = 1.8V
VDD– 0.6
VDD
V
IIL,CMOS
Low level CMOS input current
VDD = VDD,max, VIL = 0.0V
–120
µA
IIH,CMOS
High level CMOS input current
VDD = VDD,max, VIH = 1.9V
65
µA
VOL,SDA
Low level CMOS output voltage for the
Sink current = 3mA
0
0.2VDD
V
SDA pin
IOL,CMOS
Low level CMOS output current
8
mA
Over recommended operating conditions (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Differential input impedance for the LVDS input
ZD,IN
90
132
terminals
VCM,IN
Common-mode voltage, LVDS input
1125
1200
1375
mV
VS,IN
Single-ended LVDS input voltage swing
100
600
mVPP
VD,IN
Differential LVDS input voltage swing
200
1200
mVPP
tR,OUT,
Output signal rise/fall time
20%–80%
100
ps
tF,OUT
VCM,OUT
Common-mode voltage, CML outputs
VDD –0.31
VDD –0.23
VDD –0.19
V
VS,OUT
Single-ended CML output voltage swing
ac-coupled
180
230
280
mVPP
VD,OUT
Differential CML output voltage swing
ac-coupled
360
460
560
mVPP
FIN
Clock input frequency
30
319
MHz
FOUT
Clock output frequency
15
1250
MHz
LOUT
Residual clock output phase noise
FIN = 30.72MHz , FOUT = 61.44MHz
400kHz PLL bandwidth
at 10Hz offset
–103
dBc/Hz
at 100Hz offset
–114
dBc/Hz
at 1kHz offset
–123
dBc/Hz
at 10kHz offset
–121
dBc/Hz
at 100kHz offset
–119
dBc/Hz
at 1MHz offset
–138
dBc/Hz
at 10MHz offset
–152
dBc/Hz
at 20MHz offset
–152
dBc/Hz
4
Submit Documentation Feedback


Numéro de pièce similaire - CDCL6010RGZR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCL6010RGZR TI-CDCL6010RGZR Datasheet
584Kb / 27P
[Old version datasheet]   1.8V, 11 Output Clock Multiplier, Distributor, Jitter Cleaner, and Buffer
CDCL6010RGZRG4 TI-CDCL6010RGZRG4 Datasheet
584Kb / 27P
[Old version datasheet]   1.8V, 11 Output Clock Multiplier, Distributor, Jitter Cleaner, and Buffer
More results

Description similaire - CDCL6010RGZR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCL6010 TI-CDCL6010_07 Datasheet
584Kb / 27P
[Old version datasheet]   1.8V, 11 Output Clock Multiplier, Distributor, Jitter Cleaner, and Buffer
CDCE72010 TI-CDCE72010 Datasheet
1Mb / 70P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
LMK04906 TI1-LMK04906_15 Datasheet
1Mb / 113P
[Old version datasheet]   Ultra Low Noise Clock Jitter Cleaner/Multiplier
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
logo
Integrated Circuit Syst...
ICS2059-02 ICST-ICS2059-02 Datasheet
210Kb / 11P
   Clock Multiplier and Jitter Attenuator
logo
Renesas Technology Corp
ICS2059-02 RENESAS-ICS2059-02 Datasheet
454Kb / 13P
   CLOCK MULTIPLIER AND JITTER ATTENUAT
logo
Texas Instruments
CDCS504-Q1 TI1-CDCS504-Q1 Datasheet
1Mb / 18P
[Old version datasheet]   Clock Buffer and Clock Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com