Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA2005D1DRBQ1 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA2005D1DRBQ1
Description  1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPA2005D1DRBQ1 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPA2005D1DRBQ1 Datasheet HTML 4Page - Texas Instruments TPA2005D1DRBQ1 Datasheet HTML 5Page - Texas Instruments TPA2005D1DRBQ1 Datasheet HTML 6Page - Texas Instruments TPA2005D1DRBQ1 Datasheet HTML 7Page - Texas Instruments TPA2005D1DRBQ1 Datasheet HTML 8Page - Texas Instruments TPA2005D1DRBQ1 Datasheet HTML 9Page - Texas Instruments TPA2005D1DRBQ1 Datasheet HTML 10Page - Texas Instruments TPA2005D1DRBQ1 Datasheet HTML 11Page - Texas Instruments TPA2005D1DRBQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
www.ti.com
−80
−70
−60
−50
−40
−30
−20
−10
0
f − Frequency − Hz
20
100
1 k
20 k
Gain = 5 V/V
CI = 2 µF
RL = 8 Ω
Vp-p = 200 mV
Inputs ac-Grounded
VDD = 5 V
VDD = 2. 5 V
VDD = 3.6 V
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
f − Frequency − Hz
VDD = 3.6 V
CI = 2 µF
RL = 8 Ω
Inputs Floating
Gain = 2 V/V
20
100
1 k
20 k
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
0.5 1
1.5 2
2.5 3
3.5 4
4.5 5
VIC - Common Mode Input Voltage - V
f = 217 Hz
RL = 8 Ω
Gain = 2 V/V
VDD = 2.5 V
VDD = 3.6 V
VDD = 5 V
C1 - Duty
12.6%
C1 -
Frequency
216.7448 Hz
C1 - Amplitude
512 mV
C1 - High
3.544 V
t - Time - ms
VDD
VOUT
-150
-100
-50
0
400
800
1200
1600
2000
-150
-100
-50
0
0
f - Frequency - Hz
VDD Shown in Figure 22
CI = 2 µF,
Inputs ac-grounded
Gain = 2V/V
−70
−60
−50
−40
−30
−20
−10
0
f − Frequency − Hz
20
100
1 k
20 k
VDD = 2.5 V to 5 V
VIC = 1 Vp−p
RL = 8 Ω
Gain = 2 V/V
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
RL = 8 Ω
Gain = 2 V/V
VIC - Common Mode Input Voltage - V
VDD = 5 V
VDD = 2.5 V
VDD = 3.6 V
TPA2005D1-Q1
SLOS474 – AUGUST 2005
SUPPLY-VOLTAGE REJECTION
SUPPLY-VOLTAGE REJECTION
SUPPLY-VOLTAGE REJECTION
RATIO
RATIO
RATIO
vs
vs
vs
FREQUENCY
FREQUENCY
COMMON-MODE INPUT VOLTAGE
Figure 19.
Figure 20.
Figure 21.
GSM POWER-SUPPLY REJECTION
GSM POWER-SUPPLY REJECTION
vs
vs
TIME
FREQUENCY
Figure 22.
Figure 23.
COMMON-MODE REJECTION RATIO
COMMON-MODE REJECTION RATIO
vs
vs
FREQUENCY
COMMON-MODE INPUT VOLTAGE
Figure 24.
Figure 25.
8


Numéro de pièce similaire - TPA2005D1DRBQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA2005D1DRBQ1 TI1-TPA2005D1DRBQ1 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
More results

Description similaire - TPA2005D1DRBQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA2005D1-Q1 TI-TPA2005D1-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_10 Datasheet
592Kb / 44P
   2.8 W filter-free mono class D audio power amplifier
logo
List of Unclassifed Man...
TMPA2055DM ETC-TMPA2055DM Datasheet
219Kb / 11P
   2.7-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2005D1 TI-TPA2005D1 Datasheet
290Kb / 22P
[Old version datasheet]   1.1 W MONO FILTER FREE CLASS D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com