Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LCX374MTC Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce 74LCX374MTC
Description  Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX374MTC Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  74LCX374MTC Datasheet HTML 1Page - Fairchild Semiconductor 74LCX374MTC Datasheet HTML 2Page - Fairchild Semiconductor 74LCX374MTC Datasheet HTML 3Page - Fairchild Semiconductor 74LCX374MTC Datasheet HTML 4Page - Fairchild Semiconductor 74LCX374MTC Datasheet HTML 5Page - Fairchild Semiconductor 74LCX374MTC Datasheet HTML 6Page - Fairchild Semiconductor 74LCX374MTC Datasheet HTML 7Page - Fairchild Semiconductor 74LCX374MTC Datasheet HTML 8Page - Fairchild Semiconductor 74LCX374MTC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
©2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
February 2006
74LCX374 Rev. 2.0.0
74LCX374
Low Voltage Octal D-Type Flip-Flop
with 5V Tolerant Inputs and Outputs
Features
5V tolerant inputs and outputs
2.3V–3.6V VCC specifications provided
8.5ns tPD max (VCC = 3.3V), 10µA ICC max
Power-down high impedance inputs and outputs
Supports live insertion/withdrawal1
±24mA output drive (V
CC = 3.0V)
Implements patented noise/EMI reduction circuitry
Latch-up performance exceeds JEDEC 78 conditions
ESD performance
– Human Body Model
> 2000V
– Machine Model
> 200V
Leadless Pb-Free DQFN package
General Description
The LCX374 consists of eight D-type flip-flops featuring
separate D-type inputs for each flip-flop and 3-STATE
outputs for bus-oriented applications. A buffered clock
(CP) and Output Enable (OE) are common to all flip-
flops. The LCX374 is designed for low voltage appli-
cations with capability of interfacing to a 5V signal
environment.
The LCX374 is fabricated with an advanced CMOS tech-
nology to achieve high speed operation while maintain-
ing CMOS low power dissipation.
Ordering Information
Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Notes:
1.
To ensure the high impedance state during power up or down, OE should be tied to VCC through a pull-up resistor: the minimum
value of the resistor is determined by the current-sourcing capability of the driver.
2.
DQFN package available in Tape and Reel only.
3.
“_NL” indicates Pb-Free package (per JEDEC J-STD-020B). Device available in Tape and Reel only.
Order Number
Package
Number
Package Description
74LCX374WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300"
Wide
74LCX374SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LCX374BQX2
MLP020B
Pb-Free 20-Terminal Depopulated Quad Very-Thin Flat Pack No Leads
(DQFN), JEDEC MO-241, 2.5 x 4.5mm
74LCX374MSA
MSA20
20-Lead Shrink Small Outline Package (SSOP), JEDEC MO-150, 5.3mm
Wide
74LCX374MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153,
4.4mm Wide
74LCX374MTCX_NL3
MTC20
Pb-Free 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC
MO-153, 4.4mm Wide


Numéro de pièce similaire - 74LCX374MTC

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LCX374MTC FAIRCHILD-74LCX374MTC Datasheet
554Kb / 12P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
74LCX374MTC NSC-74LCX374MTC Datasheet
149Kb / 8P
   Low-Voltage Octal D Flip-Flop with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX374MTC FAIRCHILD-74LCX374MTC Datasheet
765Kb / 14P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX374MTCX FAIRCHILD-74LCX374MTCX Datasheet
554Kb / 12P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
74LCX374MTCX NSC-74LCX374MTCX Datasheet
149Kb / 8P
   Low-Voltage Octal D Flip-Flop with 5V Tolerant Inputs and Outputs
More results

Description similaire - 74LCX374MTC

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LCX574 FAIRCHILD-74LCX574 Datasheet
767Kb / 14P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX374 FAIRCHILD-74LCX374_07 Datasheet
765Kb / 14P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC7MZ574FK TOSHIBA-TC7MZ574FK Datasheet
259Kb / 7P
   LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX374F TOSHIBA-TC74LCX374F Datasheet
326Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX374 FAIRCHILD-74LCX374 Datasheet
554Kb / 12P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC7MZ374FK TOSHIBA-TC7MZ374FK Datasheet
260Kb / 7P
   LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX574F TOSHIBA-TC74LCX574F Datasheet
304Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
National Semiconductor ...
74LCX374 NSC-74LCX374 Datasheet
149Kb / 8P
   Low-Voltage Octal D Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX273 NSC-74LCX273 Datasheet
63Kb / 2P
   Low-Voltage Octal D Flip-Flop with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX374 FAIRCHILD-74LCX374_08 Datasheet
671Kb / 15P
   74LCX374 Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com