Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N5457 Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce 2N5457
Description  JFETs ??General Purpose N?묬hannel ??Depletion
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5457 Fiches technique(HTML) 5 Page - ON Semiconductor

  2N5457_06 Datasheet HTML 1Page - ON Semiconductor 2N5457_06 Datasheet HTML 2Page - ON Semiconductor 2N5457_06 Datasheet HTML 3Page - ON Semiconductor 2N5457_06 Datasheet HTML 4Page - ON Semiconductor 2N5457_06 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2N5457, 2N5458
http://onsemi.com
5
PACKAGE DIMENSIONS
CASE 29−11
ISSUE AL
TO−92 (TO−226)
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. CONTOUR OF PACKAGE BEYOND DIMENSION R
IS UNCONTROLLED.
4. LEAD DIMENSION IS UNCONTROLLED IN P AND
BEYOND DIMENSION K MINIMUM.
R
A
P
J
L
B
K
G
H
SECTION X−X
C
V
D
N
N
XX
SEATING
PLANE
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.175
0.205
4.45
5.20
B
0.170
0.210
4.32
5.33
C
0.125
0.165
3.18
4.19
D
0.016
0.021
0.407
0.533
G
0.045
0.055
1.15
1.39
H
0.095
0.105
2.42
2.66
J
0.015
0.020
0.39
0.50
K
0.500
−−−
12.70
−−−
L
0.250
−−−
6.35
−−−
N
0.080
0.105
2.04
2.66
P
−−−
0.100
−−−
2.54
R
0.115
−−−
2.93
−−−
V
0.135
−−−
3.43
−−−
1
TYLE 5:
PIN 1. DRAIN
2. SOURCE
3. GATE
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Japan: ON Semiconductor, Japan Customer Focus Center
2−9−1 Kamimeguro, Meguro−ku, Tokyo, Japan 153−0051
Phone: 81−3−5773−3850
2N5457/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 61312, Phoenix, Arizona 85082−1312 USA
Phone: 480−829−7710 or 800−344−3860 Toll Free USA/Canada
Fax: 480−829−7709 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: http://onsemi.com
Order Literature: http://www.onsemi.com/litorder
For additional information, please contact your
local Sales Representative.


Numéro de pièce similaire - 2N5457_06

FabricantNo de pièceFiches techniqueDescription
logo
Calogic, LLC
2N5457-59 CALOGIC-2N5457-59 Datasheet
17Kb / 1P
   N-Channel JFET General Purpose Amplifier/Switch
logo
Fairchild Semiconductor
2N5457 FAIRCHILD-2N5457_1 Datasheet
130Kb / 5P
   N-Channel General Purpose Amplifier
logo
Central Semiconductor C...
2N5457 CENTRAL-2N5457_15 Datasheet
327Kb / 2P
   SILICON N-CHANNEL JFETS
More results

Description similaire - 2N5457_06

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
J110 ONSEMI-J110 Datasheet
52Kb / 4P
   JFET ??General Purpose N?묬hannel ??Depletion
November, 2005 ??Rev. 6
logo
New Jersey Semi-Conduct...
2N5045 NJSEMI-2N5045 Datasheet
69Kb / 1P
   GENERAL PURPOSE DUAL JFETS
logo
ON Semiconductor
BSR58LT1 ONSEMI-BSR58LT1 Datasheet
92Kb / 4P
   JFET Chopper Transistor N?묬hannel ??Depletion
August, 2005 ??Rev. 1
logo
InterFET Corporation
2N3370 INTERFET-2N3370 Datasheet
92Kb / 1P
   N - CHANNEL JFETS GENERAL - PURPOSE DEVICE TYPES
logo
ON Semiconductor
J111 ONSEMI-J111 Datasheet
85Kb / 5P
   JFET Chopper Transistors N?묬hannel - Depletion
March, 2006 ??Rev. 2
MPF4392 ONSEMI-MPF4392_06 Datasheet
75Kb / 6P
   JFET Switching Transistors N?묬hannel ??Depletion
January, 2006 ??Rev. 5
logo
Shenzhen Winsemi Microe...
WFY03DN50 WINSEMI-WFY03DN50 Datasheet
308Kb / 5P
   500V N?묬hannel Depletion-Mode DMOSFET
logo
ON Semiconductor
2N5486 ONSEMI-2N5486_06 Datasheet
146Kb / 6P
   JFET VHF/UHF Amplifiers N?묬hannel - Depletion
October, 2006 ??Rev. 2
2N5460 ONSEMI-2N5460_06 Datasheet
60Kb / 5P
   JFET Amplifier P?묬hannel ??Depletion
March, 2006 ??Rev. 5
MMBFJ177LT1G ONSEMI-MMBFJ177LT1G_09 Datasheet
114Kb / 3P
   JFET Chopper P?묬hannel ??Depletion
August, 2009 ??Rev. 4
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com