Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA6204A1DRBG4 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA6204A1DRBG4
Description  1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPA6204A1DRBG4 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPA6204A1DRBG4 Datasheet HTML 3Page - Texas Instruments TPA6204A1DRBG4 Datasheet HTML 4Page - Texas Instruments TPA6204A1DRBG4 Datasheet HTML 5Page - Texas Instruments TPA6204A1DRBG4 Datasheet HTML 6Page - Texas Instruments TPA6204A1DRBG4 Datasheet HTML 7Page - Texas Instruments TPA6204A1DRBG4 Datasheet HTML 8Page - Texas Instruments TPA6204A1DRBG4 Datasheet HTML 9Page - Texas Instruments TPA6204A1DRBG4 Datasheet HTML 10Page - Texas Instruments TPA6204A1DRBG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
TPA6204A1
SLOS429 − MAY 2004
www.ti.com
7
Figure 11
−80
−70
−60
−50
−40
−30
−20
−10
0
10
20
30
40
−180
−150
−120
−90
−60
−30
0
30
60
90
120
150
180
1
100
10 k
100 k
1 M
10 M
1 k
f − Frequency − Hz
Gain
Phase
VDD = 5 V
RL = 8 Ω
Gain = 1
CLOSED LOOP GAIN/PHASE
vs
FREQUENCY
10
Figure 12
−40
−30
−20
−10
0
10
20
30
40
50
60
70
80
90
100
−180
−150
−120
−90
−60
−30
0
30
60
90
120
150
180
VDD = 5 V,
RL = 8 Ω
Gain
Phase
100
1 k
10 k
100 k
1 M
f − Frequency − Hz
OPEN LOOP GAIN/PHASE
vs
FREQUENCY
Figure 13
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
TA = 25°C
TA = −40°C
TA = 125°C
VDD = 5 V
VDD − Supply Voltage − V
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
0.00001
0.0001
0.001
0.01
0.1
1
10
0
1
23
4
5
VDD = 3.6 V
VDD = 5 V
VDD = 2.5 V
Voltage on SHUTDOWN Terminal − V
SUPPLY CURRENT
vs
SHUTDOWN VOLTAGE
Figure 14


Numéro de pièce similaire - TPA6204A1DRBG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6204A1DRBG4 TI1-TPA6204A1DRBG4 Datasheet
1Mb / 26P
[Old version datasheet]   1.7-W Mono Fully Differential Audio Power Amplifier
More results

Description similaire - TPA6204A1DRBG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6204A1 TI-TPA6204A1 Datasheet
244Kb / 15P
[Old version datasheet]   1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
SeCoS Halbleitertechnol...
SPEMA2004A SECOS-SPEMA2004A Datasheet
240Kb / 5P
   1.7W Mono Fully Differential Audio Power Amplifier
logo
Eutech Microelectronics...
EUA6204A EUTECH-EUA6204A Datasheet
384Kb / 11P
   3W Mono Fully Differential Audio Power Amplifier
logo
Anpec Electronics Corop...
APA0715 ANPEC-APA0715 Datasheet
430Kb / 25P
   3W Mono Fully Differential Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HMA6203 HMSEMI-HMA6203 Datasheet
1,015Kb / 12P
   1.25W Mono Fully Differential Audio Power Amplifier
logo
Anpec Electronics Corop...
APA0714 ANPEC-APA0714 Datasheet
462Kb / 25P
   3W Mono Fully Differential Audio Power Amplifier
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com