Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA711 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce TPA711
Description  700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPA711 Fiches technique(HTML) 4 Page - Texas Instruments

  TPA711_07 Datasheet HTML 1Page - Texas Instruments TPA711_07 Datasheet HTML 2Page - Texas Instruments TPA711_07 Datasheet HTML 3Page - Texas Instruments TPA711_07 Datasheet HTML 4Page - Texas Instruments TPA711_07 Datasheet HTML 5Page - Texas Instruments TPA711_07 Datasheet HTML 6Page - Texas Instruments TPA711_07 Datasheet HTML 7Page - Texas Instruments TPA711_07 Datasheet HTML 8Page - Texas Instruments TPA711_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
TPA711
700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
SLOS230D – NOVEMBER 1998 – REVISED OCTOBER 2002
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 5 V, TA = 25°C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOO
Output offset voltage (measured
differentially)
SHUTDOWN = 0 V, SE/BTL = 0 V, RL = 8 Ω,
RF = 10 k
20
mV
PSRR
Power supply rejection ratio
V
4 9Vto5 1V
BTL mode
78
dB
PSRR
Power supply rejection ratio
VDD = 4.9 V to 5.1 V
SE mode
76
dB
I
Supply current (see Figure 6)
BTL mode, SHUTDOWN = 0 V,
SE/BTL = 0.5 V, RF = 10 k
1.25
2.5
mA
IDD
Supply current (see Figure 6)
SE mode, SHUTDOWN = 0 V,
SE/BTL = 4.5 V, RF = 10 k
0.65
1.25
mA
IDD(SD)
Supply current, shutdown mode
(see Figure 7)
SE/BTL = 0 V, SHUTDOWN = VDD, RF = 10 kΩ
50
100
µA
|I
|
SHUTDOWN, VDD = 5.5 V, VI = VDD
1
A
|IIH|
SE/BTL,
VDD = 5.5 V, VI = VDD
1
µA
|I |
SHUTDOWN, VDD = 5.5 V, VI = 0 V
1
A
|IIL|
SE/BTL,
VDD = 5.5 V, VI = 0 V
1
µA
operating characteristics, VDD = 5 V, TA = 25°C, RL = 8 Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THD = 0.3%,
BTL mode,
See Figure 18
700†
PO
Output power, see Note 1
THD = 0.1%,
See Figure 26
SE mode,
RL = 32 Ω,
85
mW
THD + N
Total harmonic distortion plus
noise
PO = 700 mW, f = 200 Hz to 4 kHz, See Figure 16
0.5%
BOM
Maximum output power bandwidth
Gain = 2,
THD = 2%,
See Figure 16
20
kHz
B1
Unity-gain bandwidth
Open Loop,
See Figure 37
1.4
MHz
Supply ripple rejection ratio
f = 1 kHz,
See Figure 5
CB = 1 µF,
BTL mode,
80
dB
Supply ripple rejection ratio
f = 1 kHz,
See Figure 4
CB = 1 µF,
SE mode,
73
dB
Vn
Noise output voltage
Gain = 1,
CB = 0.1 µF,
See Figure 43
17
µV(rms)
† The DGN package, properly mounted, can conduct 700 mW RMS power continuously. The D package, can only conduct 350 mW RMS power
continuously, with peaks to 700 mW.
NOTE 1: Output power is measured at the output terminals of the device at f = 1 kHz.


Numéro de pièce similaire - TPA711_07

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA711D TI-TPA711D Datasheet
515Kb / 32P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711DGN TI-TPA711DGN Datasheet
515Kb / 32P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711 TI-TPA711_15 Datasheet
1Mb / 39P
[Old version datasheet]   700-MW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
More results

Description similaire - TPA711_07

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA701 TI-TPA701_15 Datasheet
896Kb / 29P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721_07 Datasheet
688Kb / 24P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711 TI-TPA711 Datasheet
515Kb / 32P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI1-TPA721_16 Datasheet
1Mb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711 TI-TPA711_15 Datasheet
1Mb / 39P
[Old version datasheet]   700-MW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701_07 Datasheet
726Kb / 25P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701 Datasheet
329Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721 Datasheet
329Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721_15 Datasheet
774Kb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA741 TI-TPA741 Datasheet
337Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com