Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA321 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA321
Description  350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPA321 Fiches technique(HTML) 5 Page - Texas Instruments

  TPA321 Datasheet HTML 1Page - Texas Instruments TPA321 Datasheet HTML 2Page - Texas Instruments TPA321 Datasheet HTML 3Page - Texas Instruments TPA321 Datasheet HTML 4Page - Texas Instruments TPA321 Datasheet HTML 5Page - Texas Instruments TPA321 Datasheet HTML 6Page - Texas Instruments TPA321 Datasheet HTML 7Page - Texas Instruments TPA321 Datasheet HTML 8Page - Texas Instruments TPA321 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
−50
−60
−80
−100
20
100
1 k
−30
−20
f − Frequency − Hz
0
10 k 20 k
−10
−40
−70
−90
VDD = 5 V
VDD = 3.3 V
RL = 8 Ω
CB = 1 µF
VDD − Supply Voltage − V
1.1
0.7
0.3
−0.1
0.9
0.5
0.1
3
4
6
2
5
SHUTDOWN = 0 V
RF = 10 kΩ
TPA321
SLOS312C – JUNE 2000 – REVISED JUNE 2004
Table of Graphs
FIGURE
kSVR
Supply voltage rejection ratio
vs Frequency
2
IDD
Supply current
vs Supply voltage
3, 4
vs Supply voltage
5
PO
Output power
vs Load resistance
6
vs Frequency
7, 8, 11, 12
THD+N
Total harmonic distortion plus noise
vs Output power
9, 10, 13, 14
Open-loop gain and phase
vs Frequency
15, 16
Closed-loop gain and phase
vs Frequency
17, 18
Vn
Output noise voltage
vs Frequency
19, 20
PD
Power dissipation
vs Output power
21, 22
SUPPLY VOLTAGE REJECTION RATIO
SUPPLY CURRENT
vs
vs
FREQUENCY
SUPPLY VOLTAGE
Figure 2.
Figure 3.
5


Numéro de pièce similaire - TPA321

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA321 TI-TPA321 Datasheet
479Kb / 24P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA321D TI-TPA321D Datasheet
479Kb / 24P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA321DGN TI-TPA321DGN Datasheet
479Kb / 24P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA321 TI-TPA321_15 Datasheet
1,008Kb / 30P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
More results

Description similaire - TPA321

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA321 TI-TPA321 Datasheet
479Kb / 24P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA321 TI-TPA321_15 Datasheet
1,008Kb / 30P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA311 TI-TPA311_07 Datasheet
979Kb / 35P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301 TI-TPA301 Datasheet
356Kb / 22P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301 TI-TPA301_07 Datasheet
701Kb / 25P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA311 TI-TPA311 Datasheet
579Kb / 32P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301 TI-TPA301_15 Datasheet
784Kb / 29P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA741 TI-TPA741_07 Datasheet
695Kb / 24P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA731 TI-TPA731_07 Datasheet
724Kb / 25P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA741 TI-TPA741_15 Datasheet
994Kb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com