Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA0213DGQ Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA0213DGQ
Description  2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPA0213DGQ Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPA0213DGQ Datasheet HTML 5Page - Texas Instruments TPA0213DGQ Datasheet HTML 6Page - Texas Instruments TPA0213DGQ Datasheet HTML 7Page - Texas Instruments TPA0213DGQ Datasheet HTML 8Page - Texas Instruments TPA0213DGQ Datasheet HTML 9Page - Texas Instruments TPA0213DGQ Datasheet HTML 10Page - Texas Instruments TPA0213DGQ Datasheet HTML 11Page - Texas Instruments TPA0213DGQ Datasheet HTML 12Page - Texas Instruments TPA0213DGQ Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
TPA0213
2-W MONO AUDIO POWER AMPLIFIER
WITH HEADPHONE DRIVE
SLOS276D – JANUARY 2000 – REVISED NOVEMBER 2002
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
–60
–100
–120
0
–20
20
100
1k
10k 20k
f – Frequency – Hz
POWER SUPPLY REJECTION RATIO
vs
FREQUENCY
CB = 0.47 µF
–40
–80
VDD = 5 V
Stereo/SE
Gain = 1.9 dB
CB = 1 µF
Bypass = 2.5 V
Figure 13
APPLICATION INFORMATION
gain setting via input resistance
The gain of the input stage is set by the user-selected input resistor and a 50-k
Ω internal feedback resistor.
However, the power stage is internally configured with a gain of –1.25 V/V in SE mode, and –2.5 V/V in BTL
mode. Thus, the feedback resistor (RF) is effectively 62.5 kΩ in SE mode and 125 kΩ in BTL mode. Therefore,
the overall gain can be calculated using equations (1) and (2).
(1)
A
V +
–125 k
W
R
I
(BTL)
(2)
A
V +
–62.5 k
W
R
I
(SE)
The –3 dB frequency can be calculated using equation 3:
(3)
ƒ
–3dB +
1
2
p R
I
C
i
If the filter must be more accurate, the value of the capacitor should be increased while the value of the resistor
to ground should be decreased. In addition, the order of the filter could be increased.


Numéro de pièce similaire - TPA0213DGQ

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA0213DGQ TI-TPA0213DGQ Datasheet
187Kb / 11P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
More results

Description similaire - TPA0213DGQ

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA0213 TI-TPA0213_15 Datasheet
791Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0243 TI-TPA0243 Datasheet
87Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0223DGQR TI1-TPA0223DGQR Datasheet
878Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0223 TI-TPA0223 Datasheet
87Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0213 TI-TPA0213 Datasheet
187Kb / 11P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233 TI-TPA0233_07 Datasheet
726Kb / 25P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233 TI-TPA0233 Datasheet
87Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233 TI-TPA0233_15 Datasheet
813Kb / 27P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0253 TI-TPA0253 Datasheet
105Kb / 7P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0253 TI-TPA0253_15 Datasheet
593Kb / 13P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com