Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA0212PWPG4 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce TPA0212PWPG4
Description  STEREO 2.6-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPA0212PWPG4 Fiches technique(HTML) 4 Page - Texas Instruments

  TPA0212PWPG4 Datasheet HTML 1Page - Texas Instruments TPA0212PWPG4 Datasheet HTML 2Page - Texas Instruments TPA0212PWPG4 Datasheet HTML 3Page - Texas Instruments TPA0212PWPG4 Datasheet HTML 4Page - Texas Instruments TPA0212PWPG4 Datasheet HTML 5Page - Texas Instruments TPA0212PWPG4 Datasheet HTML 6Page - Texas Instruments TPA0212PWPG4 Datasheet HTML 7Page - Texas Instruments TPA0212PWPG4 Datasheet HTML 8Page - Texas Instruments TPA0212PWPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
OPERATING CHARACTERISTICS
TPA0212
SLOS284B – NOVEMBER 1999 – REVISED NOVEMBER 2004
DISSIPATION RATING TABLE
PACKAGE
TA≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PWP
2.7 W(1)
21.8 mW/
°C
1.7 W
1.4 W
(1)
Please see the Texas Instruments document, PowerPAD Thermally Enhanced Package Application
Report (literature number SLMA002), for more information on the PowerPAD package. The thermal
data was measured on a PCB layout based on the information in the section entitled Texas
Instruments Recommended Board for PowerPAD of the before mentioned document.
MIN
MAX
UNIT
VDD
Supply voltage
4.5
5.5
V
SE/BTL, HP/LINE, GAIN0, GAIN1
0.8 x VDD
VIH
High-level input voltage
V
SHUTDOWN
2
SE/BTL, HP/LINE
0.6 x VDD
VIL
Low-level input voltage
GAIN0, GAIN1
0.4 x VDD
V
SHUTDOWN
0.8
TA
Operating free-air temperature
-40
85
°C
at specified free-air temperature, V
DD = 5 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
|VOO|
Output offset voltage (measured differentially)
VI = 0 Av = 2 V/V
25
mV
PSRR
Power supply rejection ratio
VDD = 4.5 V to 5.5 V
77
dB
|IIH|
High-level input current
VDD = 5.5 V, VI = VDD
900
nA
|IIL|
Low-level input current
VDD = 5.5 V VI = 0 V
900
nA
BTL mode
6
8
IDD
Supply current
mA
SE mode
3
4
IDD(SD)
Supply current, shutdown mode
150
300
µA
V
DD = 5 V, TA = 25°C, RL = 8 Ω , Gain = 2 V/V, BTL mode
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THD + N = 10%,
2.6
PO
Output power
RL = 3 Ω
W
THD + N = 1%
2.05
THD + N
Total harmonic distortion plus noise
PO = 1 W,
f = 20 Hz to 15 kHz
0.65%
BOM
Maximum output power bandwidth
THD = 5%
>15
kHz
f = 1 kHz,
Supply ripple rejection ratio
BTL mode
72
dB
C(BYP) = 0.47 µF
SNR
Signal-to-noise ratio
105
dB
BTL mode
20
C(BYP) = 0.47 µF,
Vn
Noise output voltage
µVRMS
f = 20 Hz to 20 kHz
SE mode
18
Zi
Input impedance
See Table 1
4


Numéro de pièce similaire - TPA0212PWPG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA0212PWP TI-TPA0212PWP Datasheet
475Kb / 33P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
More results

Description similaire - TPA0212PWPG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA0312 TI-TPA0312 Datasheet
499Kb / 32P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0212 TI-TPA0212_15 Datasheet
975Kb / 38P
[Old version datasheet]   STEREO 2.6-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0312 TI1-TPA0312_16 Datasheet
894Kb / 37P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0122 TI1-TPA0122_16 Datasheet
1,004Kb / 37P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Eutech Microelectronics...
EUA6412 EUTECH-EUA6412 Datasheet
676Kb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA0112 TI1-TPA0112_16 Datasheet
647Kb / 36P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Eutech Microelectronics...
EUA6412A EUTECH-EUA6412A Datasheet
1Mb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA0212 TI-TPA0212 Datasheet
475Kb / 33P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0222 TI-TPA0222 Datasheet
522Kb / 33P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
logo
Unisonic Technologies
PA3212 UTC-PA3212_09 Datasheet
485Kb / 9P
   2.6W STEREO AUDIO AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com