Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA032D03 Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce TPA032D03
Description  10-W MONO CLASS-D AUDIO POWER AMPLIFIER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPA032D03 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPA032D03 Datasheet HTML 3Page - Texas Instruments TPA032D03 Datasheet HTML 4Page - Texas Instruments TPA032D03 Datasheet HTML 5Page - Texas Instruments TPA032D03 Datasheet HTML 6Page - Texas Instruments TPA032D03 Datasheet HTML 7Page - Texas Instruments TPA032D03 Datasheet HTML 8Page - Texas Instruments TPA032D03 Datasheet HTML 9Page - Texas Instruments TPA032D03 Datasheet HTML 10Page - Texas Instruments TPA032D03 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
TPA032D03
10W MONO CLASSD AUDIO POWER AMPLIFIER
SLOS283B − DECEMBER 1999 − REVISED JUNE 2000
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics, Class-D amplifier, VDD = PVDD = 12 V, RL = 8 Ω, TA = 25°C, See Figure 2
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power,
THD = 0.5%
Device soldered on PCB,
See Note 2
7.5
W
Efficiency
PO = 7.5 W,
f = 1 kHz
85%
AV
Gain
25
dB
Noise floor
−60
dB
Dynamic range
80
dB
Crosstalk
f = 1 kHz
−50
dB
Frequency response bandwidth, post output filter, − 3 dB
20
20 000
Hz
BOM
Maximum output power bandwidth
20
kHz
ZI
Input impedance
10
k
NOTE 2: Output power is thermally limited, TA = 85°C
electrical characteristics, headphone amplifier, HPVCC = 5 V, RL = 32 Ω, TA = 25°C, See Figure 3
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power supply rejection ratio
−60
dB
Uncompensated gain range
−1
−10
V/V
IDD
Supply current
9
12
mA
IDD(MUTE) Supply current, mute mode
9
12
mA
IDD(S/D)
Supply current, shutdown mode
20
30
µA
operating characteristics, headphone amplifier, HPVCC = 5V, RL = 32 Ω, gain set at −10V/V,
TA = 25°C, See Figure 3 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power
THD = 0.5%,
f = 1 kHz
50
mW
Crosstalk
f = 1 kHz
−60
dB
Frequency response bandwidth, post output filter, − 3 dB
20
20
kHz
BOM
Maximum output power bandwidth
20
kHz
ZI
Input impedance
>1
M
operating characteristics, HPREG 5-V regulator, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO
Output voltage
VDD = PVDD = LPVDD = RPVDD = 8 V to 14 V,
IO = 0 to 90 mA
4.5
5.5
V
IOS
Short-circuit output current
VDD = PVDD = LPVDD = RPVDD = 8 V to 14 V†
90
mA
† Pulse width must be limited to prevent exceeding the maximum operating virtual junction temperature of 150°C.
thermal shutdown
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Thermal shutdown temperature
165
°C
Thermal shutdown hysteresis
30
°C


Numéro de pièce similaire - TPA032D03

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA032D03 TI-TPA032D03 Datasheet
339Kb / 24P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D03DCA TI-TPA032D03DCA Datasheet
339Kb / 24P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results

Description similaire - TPA032D03

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA032D03 TI-TPA032D03 Datasheet
339Kb / 24P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D01 TI-TPA032D01_07 Datasheet
540Kb / 25P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D01 TI-TPA032D01 Datasheet
309Kb / 22P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Micro Electronics
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM_07 Datasheet
221Kb / 13P
   2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
TMPA401DM ETC-TMPA401DM Datasheet
222Kb / 12P
   15-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3007D1 TI-TPA3007D1_15 Datasheet
609Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1 Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1_07 Datasheet
651Kb / 28P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3106D1EVM TI1-TPA3106D1EVM Datasheet
1Mb / 36P
[Old version datasheet]   40-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI1-TPA3007D1_17 Datasheet
654Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com