Moteur de recherche de fiches techniques de composants électroniques |
|
TL2843D Fiches technique(PDF) 7 Page - Texas Instruments |
|
TL2843D Fiches technique(HTML) 7 Page - Texas Instruments |
7 / 18 page TL284x, TL384x CURRENT-MODE PWM CONTROLLERS SLVS038F – JANUARY 1989 – REVISED FEBRUARY 2003 7 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range, VCC = 15 V (see Note 4), RT = 10 kΩ, CT = 3.3 nF (unless otherwise specified) (continued) supply voltage PARAMETER TEST CONDITIONS TL284x TL384x UNIT PARAMETER TEST CONDITIONS MIN TYP† MAX MIN TYP† MAX UNIT Start-up current 0.5 1 0.5 1 mA Operating supply current VFB and ISENSE at 0 V 11 17 11 17 mA Limiting voltage ICC = 25 mA 34 34 V † All typical values are at TA = 25°C. NOTE 4: Adjust VCC above the start threshold before setting it to 15 V. |
Numéro de pièce similaire - TL2843D |
|
Description similaire - TL2843D |