Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3110E09DBVR Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS3110E09DBVR
Description  UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS3110E09DBVR Fiches technique(HTML) 4 Page - Texas Instruments

  TPS3110E09DBVR Datasheet HTML 1Page - Texas Instruments TPS3110E09DBVR Datasheet HTML 2Page - Texas Instruments TPS3110E09DBVR Datasheet HTML 3Page - Texas Instruments TPS3110E09DBVR Datasheet HTML 4Page - Texas Instruments TPS3110E09DBVR Datasheet HTML 5Page - Texas Instruments TPS3110E09DBVR Datasheet HTML 6Page - Texas Instruments TPS3110E09DBVR Datasheet HTML 7Page - Texas Instruments TPS3110E09DBVR Datasheet HTML 8Page - Texas Instruments TPS3110E09DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
www.ti.com
SWITCHING CHARACTERISTICS
TIMING REQUIREMENTS
TPS3103xxx
TPS3106xxx
TPS3110xxx
SLVS363D – AUGUST 2001 – REVISED NOVEMBER 2006
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
MR
MR = 0 V, VDD = 3.3 V
–47
–33
–25
µA
IIL
Low-level input current
SENSE, PFI,
SENSE, PFI, WDI = 0 V,
–25
25
nA
WDI
VDD = 3.3 V
High-level output current
IOH
Open-drain
VDD = VIT + 0.2 V, VOH = 3.3 V
200
nA
at RESET(2)
VDD > VIT (average current),
1.2
3
VDD < 1.8 V
VDD > VIT (average current),
2
4.5
IDD
Supply current
µA
VDD > 1.8 V
VDD < VIT, VDD < 1.8 V
22
VDD < VIT, VDD > 1.8 V
27
Internal pull-up resistor at MR
70
100
130
k
CI
Input capacitance at MR, SENSE, PFI, WDI VI = 0 V to VDD
1
pF
(2)
Also refers to RSTVDD and RSTSENSE.
At R
L = 1 MΩ, CL = 50 pF, and TA = –40°C to +85°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tD
Delay time
VDD ≥ 1.1 × VIT, MR = 0.7 × VDD, See Timing Diagrams
65
130
195
ms
Propagation delay time,
VDD to RESET or
tPHL
VIH = 1.1 × VIT, VIL = 0.9 × VIT
40
µs
high-to-low level output
RSTVDD delay
Propagation delay time,
VDD to RESET or
tPLH
VIH = 1.1 × VIT, VIL = 0.9 × VIT
40
µs
low-to-high level output
RSTVDD delay
Propagation delay time,
SENSE to RESET or
tPHL
VDD ≥ 0.8 V, VIH = 1.1 × VIT, VIL = 0.9 × VIT
40
µs
high-to-low level output
RSTSENSE delay
Propagation delay time,
SENSE to RESET or
tPLH
VDD ≥ 0.8 V, VIH = 1.1 × VIT, VIL = 0.9 × VIT
40
µs
high-to-low level output
RSTSENSE delay
Propagation delay time,
tPHL
PFI to PFO delay
VDD ≥ 0.8 V, VIH = 1.1 × VIT, VIL = 0.9 × VIT
40
µs
high-to-low level output
Propagation delay time,
tPLH
PFI to PFO delay
VDD ≥ 0.8 V, VIH = 1.1 × VIT, VIL = 0.9 × VIT
300
µs
low-to-high level output
MR to RESET.
Propagation delay time,
tPHL
RSTVDD,
VDD ≥ 1.1 × VIT, VIL = 0.3 × VDD, VIH = 0.7 × VDD
1
5
µs
low-to-high level output
RSTSENSE delay
MR to RESET.
Propagation delay time,
tPLH
RSTVDD,
VDD ≥ 1.1 × VIT, VIL = 0.3 × VDD, VIH = 0.7 × VDD
1
5
µs
low-to-high level output
RSTSENSE delay
At R
L = 1 MΩ, CL = 50 pF, and TA = –40°C to +85°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tT(OUT)
Time-out period
at WDI
VDD ≥ 0.85 V
0.55
1.1
1.65
s
at VDD
VIH = 1.1 × VIT, VIL = 0.9 × VIT–, VIT– = 0.86 V
20
at MR
VDD ≥ VIT + 0.2 V, VIL = 0.3 × VDD, VIH = 0.7 × VDD
0.1
tW
Pulse width
at SENSE
VDD ≥ VIT, VIH = 1.1 × VIT – (S), VIL = 0.9 × VIT – (S)
20
µs
at PFI
VDD ≥ 0.85 V, VIH = 1.1 × VIT – (S),VIL = 0.9 × VIT – (S)
20
at WDI
VDD ≥ VIT, VIL = 0.3 × VDD, VIH = 0.7 × VDD
0.3
4
Submit Documentation Feedback


Numéro de pièce similaire - TPS3110E09DBVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3110E09DBVR TI-TPS3110E09DBVR Datasheet
361Kb / 22P
[Old version datasheet]   ULTRALOW SUPPLY CURRENT/SUPPLY VOLTAGE SUPERVISORY CIRCUITS
TPS3110E09DBVR TI-TPS3110E09DBVR Datasheet
525Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3110E09DBVR TI-TPS3110E09DBVR Datasheet
555Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3110E09DBVR TI1-TPS3110E09DBVR Datasheet
755Kb / 25P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3110E09DBVR TI1-TPS3110E09DBVR Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Supply-Current Voltage Monitor With Optional Watchdog
More results

Description similaire - TPS3110E09DBVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3103XXX TI-TPS3103XXX_1 Datasheet
525Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS31XXEXX TI-TPS31XXEXX Datasheet
298Kb / 19P
[Old version datasheet]   ULTRALOW SUPPLY-CURRENT/SUPPLY-VOLTAGE SUPERVISORY CIRCUITS
TPS3106E16 TI-TPS3106E16 Datasheet
361Kb / 22P
[Old version datasheet]   ULTRALOW SUPPLY CURRENT/SUPPLY VOLTAGE SUPERVISORY CIRCUITS
TPS3103E12 TI1-TPS3103E12 Datasheet
755Kb / 25P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX TI-TPS3103XXX_08 Datasheet
555Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103-EP TI1-TPS3103-EP Datasheet
508Kb / 22P
[Old version datasheet]   Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
TPS3106-EP TI-TPS3106-EP_15 Datasheet
472Kb / 23P
[Old version datasheet]   Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX-EP TI1-TPS3103XXX-EP Datasheet
477Kb / 23P
[Old version datasheet]   Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103 TI1-TPS3103 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Supply-Current Voltage Monitor With Optional Watchdog
TPS3831 TI1-TPS3831_16 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Power, Supply Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com