Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3106E09DBVR Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS3106E09DBVR
Description  UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS3106E09DBVR Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS3106E09DBVR Datasheet HTML 7Page - Texas Instruments TPS3106E09DBVR Datasheet HTML 8Page - Texas Instruments TPS3106E09DBVR Datasheet HTML 9Page - Texas Instruments TPS3106E09DBVR Datasheet HTML 10Page - Texas Instruments TPS3106E09DBVR Datasheet HTML 11Page - Texas Instruments TPS3106E09DBVR Datasheet HTML 12Page - Texas Instruments TPS3106E09DBVR Datasheet HTML 13Page - Texas Instruments TPS3106E09DBVR Datasheet HTML 14Page - Texas Instruments TPS3106E09DBVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0
2
4
6
8
10
12
14
16
18
20
0
0.5
1.0
1.5
2.0
2.5
3.0
T
C
°
=85
A
T
C
°
=25
A
T
C
°
=0
A
T = 40 C
-
°
A
V
SupplyVoltage
-
V
-
DD
SENSE=V
DD
MR =Open
RESET =Open
WDI:Triggered
0
0.05
0.10
0.15
0.20
0.25
0.30
0
0.2
0.4
0.6
0.8
1.0 1.2
1.4
1.6
1.8
2.0
T =25 C
°
A
T =0 C
°
A
T
40 C
-
°
A =
T =85 C
A
°
I
Low-LevelOutputCurrent
OL -
- mA
V
=0.9V
DD
SENSE=GND
MR =GND
WDI=GND
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
2
4
6
8
10
12
14
16
18
20
T =25 C
°
A
T =0 C
°
A
T = 40 C
-
°
A
T =85 C
A
°
V
=3.3V
DD
SENSE=GND
MR =GND
WDI=GND
I
Low-LevelOutputCurrent
OL -
- mA
0.60
0.65
0.70
0.75
0.80
0.85
0.90
-0.5
-0.4
-0.3
-0.2
-0.1
0
T =25
A
°C
T =0
A
°C
T
40 C
-
°
A =
T =85
A
°C
V
=0.9V
DD
SENSE=V
DD
MR =V
DD
WDI:Triggered
I
High-LevelOutputCurrent
-
-
OH
mA
TPS3103xxx
TPS3106xxx
TPS3110xxx
SLVS363D – AUGUST 2001 – REVISED NOVEMBER 2006
TPS3110E09
TPS3110E09
SUPPLY CURRENT
LOW-LEVEL OUTPUT VOLTAGE
vs
vs
SUPPLY VOLTAGE
LOW-LEVEL OUTPUT CURRENT
Figure 1.
Figure 2.
TPS3110E09
TPS3110E09
LOW-LEVEL OUTPUT VOLTAGE
HIGH-LEVEL OUTPUT VOLTAGE
vs
vs
LOW-LEVEL OUTPUT CURRENT
HIGH-LEVEL OUTPUT CURRENT
Figure 3.
Figure 4.
11
Submit Documentation Feedback


Numéro de pièce similaire - TPS3106E09DBVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3106E09DBVR TI-TPS3106E09DBVR Datasheet
361Kb / 22P
[Old version datasheet]   ULTRALOW SUPPLY CURRENT/SUPPLY VOLTAGE SUPERVISORY CIRCUITS
TPS3106E09DBVR TI-TPS3106E09DBVR Datasheet
555Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3106E09DBVR TI1-TPS3106E09DBVR Datasheet
755Kb / 25P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3106E09DBVR TI1-TPS3106E09DBVR Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Supply-Current Voltage Monitor With Optional Watchdog
TPS3106E09DBVRG4 TI-TPS3106E09DBVRG4 Datasheet
361Kb / 22P
[Old version datasheet]   ULTRALOW SUPPLY CURRENT/SUPPLY VOLTAGE SUPERVISORY CIRCUITS
More results

Description similaire - TPS3106E09DBVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3103XXX TI-TPS3103XXX_1 Datasheet
525Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS31XXEXX TI-TPS31XXEXX Datasheet
298Kb / 19P
[Old version datasheet]   ULTRALOW SUPPLY-CURRENT/SUPPLY-VOLTAGE SUPERVISORY CIRCUITS
TPS3106E16 TI-TPS3106E16 Datasheet
361Kb / 22P
[Old version datasheet]   ULTRALOW SUPPLY CURRENT/SUPPLY VOLTAGE SUPERVISORY CIRCUITS
TPS3103E12 TI1-TPS3103E12 Datasheet
755Kb / 25P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX TI-TPS3103XXX_08 Datasheet
555Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103-EP TI1-TPS3103-EP Datasheet
508Kb / 22P
[Old version datasheet]   Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
TPS3106-EP TI-TPS3106-EP_15 Datasheet
472Kb / 23P
[Old version datasheet]   Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX-EP TI1-TPS3103XXX-EP Datasheet
477Kb / 23P
[Old version datasheet]   Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103 TI1-TPS3103 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Supply-Current Voltage Monitor With Optional Watchdog
TPS3831 TI1-TPS3831_16 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Power, Supply Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com