Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5821BCBZ-REEL1 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD5821BCBZ-REEL1
Description  120 mA, Current Sinking, 10-Bit, I2C DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5821BCBZ-REEL1 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD5821BCBZ-REEL1 Datasheet HTML 7Page - Analog Devices AD5821BCBZ-REEL1 Datasheet HTML 8Page - Analog Devices AD5821BCBZ-REEL1 Datasheet HTML 9Page - Analog Devices AD5821BCBZ-REEL1 Datasheet HTML 10Page - Analog Devices AD5821BCBZ-REEL1 Datasheet HTML 11Page - Analog Devices AD5821BCBZ-REEL1 Datasheet HTML 12Page - Analog Devices AD5821BCBZ-REEL1 Datasheet HTML 13Page - Analog Devices AD5821BCBZ-REEL1 Datasheet HTML 14Page - Analog Devices AD5821BCBZ-REEL1 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD5821
Rev. 0 | Page 11 of 16
THEORY OF OPERATION
The AD5821 is a fully integrated, 10-bit digital-to-analog
converter (DAC) with 120 mA output current sink capability.
It is intended for driving voice coil actuators in applications
such as lens autofocus, image stabilization, and optical zoom.
The circuit diagram is shown in Figure 20. A 10-bit current
output DAC coupled with Resistor R generates the voltage that
drives the noninverting input of the operational amplifier. This
voltage also appears across the RSENSE resistor and generates the
sink current required to drive the voice coil.
Resistor R and Resistor RSENSE are interleaved and matched.
Therefore, the temperature coefficient and any nonlinearities
over temperature are matched, and the output drift over tempera-
ture is minimized. Diode D1 is an output protection diode.
RSENSE
3.3Ω
R
AD5821
D1
10-BIT
CURRENT
OUTPUT DAC
SDA
AGND
XSHUTDOWN
VDD
DGND
SCL
ISINK
DGND
VDD
I2C SERIAL
INTERFACE
REFERENCE
POWER-ON
RESET
Figure 20. Block Diagram Showing Connection to Voice Coil
SERIAL INTERFACE
The AD5821 is controlled using the industry-standard I2C
2-wire serial protocol. Data can be written to or read from the
DAC at data rates of up to 400 kHz. After a read operation, the
contents of the input register are reset to all 0s.
I2C BUS OPERATION
An I2C bus operates with one or more master devices that
generate the serial clock (SCL) and read and write data on the
serial data line (SDA) to and from slave devices such as the
AD5821. All devices on an I2C bus have their SDA pin connected
to the SDA line and their SCL pin connected to the SCL line of
the master device. I2C devices can only pull the bus lines low;
pulling high is achieved by pull-up resistors, RP. The value of RP
depends on the data rate, bus capacitance, and the maximum load
current that the I2C device can sink (3 mA for a standard device).
SCL
SDA
I2C MASTER
DEVICE
AD5821
I2C SLAVE
DEVICE
I2C SLAVE
DEVICE
RP
RP
1.8V
Figure 21. Typical I2C Bus
When the bus is idle, SCL and SDA are both high. The master
device initiates a serial bus operation by generating a start
condition, which is defined as a high-to-low transition on the
SDA low while SCL is high. The slave device connected to the
bus responds to the start condition and shifts in the next eight
data bits under control of the serial clock. These eight data bits
consist of a 7-bit address, plus a read/write (R/W) bit that is 0 if
data is to be written to a device, and 1 if data is to be read from a
device. Each slave device on an I2C bus must have a unique address.
The address of the AD5821 is 0001100; however, 0001101,
0001110, and 0001111 address the part because the last two bits
are unused/don’t cares (see Figure 22 and Figure 23). Because the
address plus the R/W bit always equals eight bits of data, the write
address of the AD5821 is 00011000 (0x18) and the read address
is 00011001 (0x19) (see Figure 22 and Figure 23).
At the end of the address data, after the R/W bit, the slave
device that recognizes its own address responds by generating
an acknowledge (ACK) condition. This is defined as the slave
device pulling SDA low while SCL is low before the ninth clock
pulse and keeping it low during the ninth clock pulse. Upon
receiving ACK, the master device can clock data into the AD5821
in a write operation, or it can clock it out in a read operation.
Data must change either during the low period of the clock
(because SDA transitions during the high period define a start
condition, as described previously), or during a stop condition,
as described in the Data Format section.
I2C data is divided into blocks of eight bits, and the slave generates
an ACK at the end of each block. Because the AD5821 requires
10 bits of data, two data-words must be written to it when a
write operation occurs, or read from it when a read operation
occurs. At the end of a read or write operation, the AD5821
acknowledges the second data byte. The master generates a stop
condition, defined as a low-to-high transition on SDA while SCL
is high, to end the transaction.
DATA FORMAT
Data is written to the AD5821 high byte first, MSB first, and is
shifted into the 16-bit input register. After all data is shifted in,
data from the input register is transferred to the DAC register.
Because the DAC requires only 10 bits of data, not all bits of the
input register data are used. The MSB is reserved for an active-
high, software-controlled, power-down function. Bit 14 is unused;
Bit 13 to Bit 4 correspond to the DAC data bits, Bit 9 to Bit 0.
Bit 3 to Bit 0 are unused.
During a read operation, data is read in the same bit order.


Numéro de pièce similaire - AD5821BCBZ-REEL1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5821 AD-AD5821 Datasheet
395Kb / 6P
   Tape and Reel Packaging
AD5821 AD-AD5821 Datasheet
395Kb / 6P
   Tape and Reel Packaging
AD5821A AD-AD5821A Datasheet
500Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
AD5821A-WAFER AD-AD5821A-WAFER Datasheet
500Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
AD5821ABCBZ-REEL AD-AD5821ABCBZ-REEL Datasheet
500Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
More results

Description similaire - AD5821BCBZ-REEL1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5398A AD-AD5398A Datasheet
475Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
AD5821A AD-AD5821A Datasheet
500Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
AD5398 AD-AD5398 Datasheet
319Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. A
AD5398 AD-AD5398_15 Datasheet
580Kb / 17P
   120 mA, Current Sinking, 10-Bit, IC DAC
REV. B
logo
Aimtron Technology
AT5510 AIMTRON-AT5510 Datasheet
208Kb / 12P
   120mA, Current Sinking, 10-bit I2C DAC for VCM Driver
logo
Global Mixed-mode Techn...
G2003 GMT-G2003 Datasheet
134Kb / 1P
   120mA, Current Sinking, 10-bit I2C DAC for VCM Driver
logo
Princeton Technology Co...
PT5661 PTC-PT5661 Datasheet
217Kb / 5P
   102.3mA, Current Sinking, 10-bit, I짼C DAC
logo
Maxim Integrated Produc...
DS4432 MAXIM-DS4432 Datasheet
217Kb / 9P
   Dual-Channel, I2C, 7-Bit Sink/Source Current DAC
Rev 0; 12/08
MAX5112 MAXIM-MAX5112 Datasheet
9Mb / 28P
   9-Channel, 14-Bit, Current DAC with I2C Interface
19-3563; Rev 1; 5/05
MAX5547 MAXIM-MAX5547_09 Datasheet
274Kb / 12P
   Dual, 10-Bit, Current-Sink Output DAC
Rev 2; 7/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com