Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M27C1001-15BTR Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce M27C1001-15BTR
Description  1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C1001-15BTR Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button M27C1001-15BTR Datasheet HTML 5Page - STMicroelectronics M27C1001-15BTR Datasheet HTML 6Page - STMicroelectronics M27C1001-15BTR Datasheet HTML 7Page - STMicroelectronics M27C1001-15BTR Datasheet HTML 8Page - STMicroelectronics M27C1001-15BTR Datasheet HTML 9Page - STMicroelectronics M27C1001-15BTR Datasheet HTML 10Page - STMicroelectronics M27C1001-15BTR Datasheet HTML 11Page - STMicroelectronics M27C1001-15BTR Datasheet HTML 12Page - STMicroelectronics M27C1001-15BTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
M27C1001
Device description
9/24
ensures that all deselected memory devices are in their low power standby mode and that
the output pins are only active when data is required from a particular memory device.
2.4
System considerations
The power switching characteristics of Advanced CMOS EPROMs require careful
decoupling of the devices. The supply current, ICC, has three segments that are of interest to
the system designer: the standby current level, the active current level, and transient current
peaks that are produced by the falling and rising edges of E. The magnitude of the transient
current peaks is dependent on the capacitive and inductive loading of the device at the
output. The associated transient voltage peaks can be suppressed by complying with the
two line output control and by properly selected decoupling capacitors. It is recommended
that a 0.1µF ceramic capacitor be used on every device between VCC and VSS. This should
be a high frequency capacitor of low inherent inductance and should be placed as close to
the device as possible. In addition, a 4.7µF bulk electrolytic capacitor should be used
between VCC and VSS for every eight devices. The bulk capacitor should be located near the
power supply connection point. The purpose of the bulk capacitor is to overcome the voltage
drop caused by the inductive effects of PCB traces.
2.5
Programming
When delivered (and after each erasure for UV EPROM), all bits of the M27C1001 are in the
'1' state. Data is introduced by selectively programming '0's into the desired bit locations.
Although only '0's will be programmed, both '1's and '0's can be present in the data word.
The only way to change a '0' to a '1' is by die exposition to ultraviolet light (UV EPROM). The
M27C1001 is in the programming mode when VPP input is at 12.75V, E is at VIL and P is
pulsed to VIL. The data to be programmed is applied to 8 bits in parallel to the data output
pins. The levels required for the address and data inputs are TTL. VCC is specified to be
6.25V ± 0.25V.
2.6
Presto II programming algorithm
Presto II Programming Algorithm allows the whole array to be programmed, with a
guaranteed margin, in a typical time of 13 seconds. Programming with Presto II involves in
applying a sequence of 100µs program pulses to each byte until a correct verify occurs (see
Figure 5). During programming and verify operation, a Margin mode circuit is automatically
activated in order to guarantee that each cell is programmed with enough margin. No
overprogram pulse is applied since the verify in Margin mode provides necessary margin to
each programmed cell.


Numéro de pièce similaire - M27C1001-15BTR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M27C1001-15B1TR STMICROELECTRONICS-M27C1001-15B1TR Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C1001-15B1X STMICROELECTRONICS-M27C1001-15B1X Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C1001-15B3TR STMICROELECTRONICS-M27C1001-15B3TR Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C1001-15B3X STMICROELECTRONICS-M27C1001-15B3X Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C1001-15B6TR STMICROELECTRONICS-M27C1001-15B6TR Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
More results

Description similaire - M27C1001-15BTR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M27C1001-10F1 STMICROELECTRONICS-M27C1001-10F1 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001-70F1 STMICROELECTRONICS-M27C1001-70F1 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001-12F6 STMICROELECTRONICS-M27C1001-12F6 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
   8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
M27C801-100N1 STMICROELECTRONICS-M27C801-100N1 Datasheet
212Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
September 2007 Rev 6
M27C64A STMICROELECTRONICS-M27C64A Datasheet
105Kb / 12P
   64 Kbit (8Kb x 8) UV EPROM and OTP EPROM
March 1998
M27C256B STMICROELECTRONICS-M27C256B Datasheet
113Kb / 16P
   256 Kbit (32Kb x 8) UV EPROM and OTP EPROM
M27C2001-12C1 STMICROELECTRONICS-M27C2001-12C1 Datasheet
261Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001 STMICROELECTRONICS-M27C2001_06 Datasheet
227Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com