Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS8900A-IQ3 Fiches technique(PDF) 10 Page - Cirrus Logic

No de pièce CS8900A-IQ3
Description  Crystal LAN TM ISA Ethernet Controller
Download  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A-IQ3 Fiches technique(HTML) 10 Page - Cirrus Logic

Back Button CS8900A-IQ3 Datasheet HTML 6Page - Cirrus Logic CS8900A-IQ3 Datasheet HTML 7Page - Cirrus Logic CS8900A-IQ3 Datasheet HTML 8Page - Cirrus Logic CS8900A-IQ3 Datasheet HTML 9Page - Cirrus Logic CS8900A-IQ3 Datasheet HTML 10Page - Cirrus Logic CS8900A-IQ3 Datasheet HTML 11Page - Cirrus Logic CS8900A-IQ3 Datasheet HTML 12Page - Cirrus Logic CS8900A-IQ3 Datasheet HTML 13Page - Cirrus Logic CS8900A-IQ3 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 137 page
background image
10
DS271PP4
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATASHEET
EECS
EEDATAOUT
EESK
SA[0:19]
MEMW
MEMR
IOW
IOR
REFRESH
SBHE
SD[0:15]
INTRQ0
INTRQ1
RXD-
RXD+
TXD-
TXD+
DO-
DO+
CI-
CI+
DI-
DI+
LANLED
LINKLED
CSOUT
EEDATAIN
AEN
RESET
INTRQ2
INTRQ3
DMARQ0
DMACK0
DMARQ1
DMACK1
DMARQ2
DMACK2
MEMCS16
IOCHRDY
1:
68 pF
1
3
6
8
24.3
Ω, 1%
24.3
Ω, 1%
92
91
88
87
100
Ω, 1%
RJ45
16
14
11
9
6
3
2
1
1:1
1
4
5
8
84
82
81
79
16
13
12
9
10
10
9
2
5
83
80
2
7
15
3
12
1:1
1:1
0.1
µF
680
680
CE
OE
OE
DIR
20
22
19
1
74LS245
XTAL1 XTAL2
SLEEP
TEST
RES
CS
DO
DI
CLK
1
3
2
4
3
5
4
6
93C46
28
62
61
29
7
IRQ10
IRQ11
IRQ12
IRQ5
DRQ5
DACK5
DRQ6
DACK6
DRQ7
DACK7
16
20
SA[0:19]
LA[20:23]
BALE
4
97
98
93
4.99 k
Ω, 1%
12 V
4, 6
20 MHz
0.1
µF
39.2
Ω, 1%
5 V
4.7 k
CS8900A
CHIPSEL
IOCS16
49
63
75
36
34
64
33
32
30
35
31
15
13
14
16
11
12
99
100
17
39.2
Ω, 1%
39.2
Ω, 1%
39.2
Ω, 1%
EEPROM
Address
Decoder
PAL
27C256
2
ELCS
ISA
BUS
10 BASE T
Isolation
Transformer
1:1
15 pin D
AUI Isolation
Transformer
BSTATUS/HCI
Boot-PROM
PD[0:7]
SA[0:14]
SD[0:7]
15
8
5 V
13
77
76
78
0.1
µF
7
Figure 3. Typical Connection Diagram


Numéro de pièce similaire - CS8900A-IQ3

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS8900A-IQ3 CIRRUS-CS8900A-IQ3 Datasheet
1Mb / 128P
   Crystal LAN ??ISA Ethernet Controller
CS8900A-IQ3 CIRRUS-CS8900A-IQ3 Datasheet
2Mb / 138P
   Crystal LAN ??ISA Ethernet Controller
logo
List of Unclassifed Man...
CS8900A-IQ3 ETC2-CS8900A-IQ3 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Cirrus Logic
CS8900A-IQ3Z CIRRUS-CS8900A-IQ3Z Datasheet
2Mb / 138P
   Crystal LAN ??ISA Ethernet Controller
More results

Description similaire - CS8900A-IQ3

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS8900A CIRRUS-CS8900A_07 Datasheet
2Mb / 138P
   Crystal LAN ??ISA Ethernet Controller
CS8900A CIRRUS-CS8900A Datasheet
1Mb / 128P
   Crystal LAN ??ISA Ethernet Controller
CS8920A CIRRUS-CS8920A Datasheet
1Mb / 144P
   CRYSTAL LAN ISA PLUG-AND-PLAY ETHERNET CONTROLLER
logo
Advanced Micro Devices
AM79C960 AMD-AM79C960 Datasheet
814Kb / 127P
   PCnetTM-ISA Single-Chip Ethernet Controller
AM79C961 AMD-AM79C961 Datasheet
1Mb / 173P
   PCnetTM-ISA Jumperless Single-Chip Ethernet Controller for ISA
logo
Davicom Semiconductor, ...
DM9008F DAVICOM-DM9008F Datasheet
34Kb / 2P
   ISA/Plug & Play Super Ethernet Controller
logo
Intel Corporation
82595FX INTEL-82595FX Datasheet
643Kb / 54P
   ISA BUS HIGH INTEGRATION ETHERNET CONTROLLER
82595TX INTEL-82595TX Datasheet
709Kb / 59P
   ISA/PCMCIA HIGH INTEGRATION ETHERNET CONTROLLER
logo
List of Unclassifed Man...
TC5299J ETC1-TC5299J Datasheet
340Kb / 32P
   FAST ETHERNET PCMCIA LAN CONTROLLER
logo
InnovASIC, Inc
IA186ES INNOVASIC-IA186ES Datasheet
94Kb / 19P
   PCI FAST ETHERNET LAN CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com