Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TFDU4202 Fiches technique(PDF) 6 Page - Vishay Siliconix

No de pièce TFDU4202
Description  Integrated Low Profile Transceiver Module for Telecom Applications - IrDA Standard
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFDU4202 Fiches technique(HTML) 6 Page - Vishay Siliconix

Back Button TFDU4202 Datasheet HTML 2Page - Vishay Siliconix TFDU4202 Datasheet HTML 3Page - Vishay Siliconix TFDU4202 Datasheet HTML 4Page - Vishay Siliconix TFDU4202 Datasheet HTML 5Page - Vishay Siliconix TFDU4202 Datasheet HTML 6Page - Vishay Siliconix TFDU4202 Datasheet HTML 7Page - Vishay Siliconix TFDU4202 Datasheet HTML 8Page - Vishay Siliconix TFDU4202 Datasheet HTML 9Page - Vishay Siliconix TFDU4202 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.vishay.com
6
Document Number 82541
Rev. 1.8, 05-Dec-05
TFDU4202
Vishay Semiconductors
Application Hints
The TFDU4202 does not need any external compo-
nent when operated with a "clean" power supply. In a
more noisy ambient it is recommended to add a
capacitor C1 and a resistor R1 for noise suppression.
A combination of a tantalum with a ceramics capacitor
will be efficient to attenuate both, RF and LF. The
power supply Vccp must be able to source up to
550 mA current with a fast rise time. If that cannot be
guaranteed an additional capacitor near pin 4 (Vccp)
should be included. The value is depended on the
power supply quality. A good choice between 4.7 µF
and 10 µF.
Shut down
The TFDU4202 can be shut down (disabled) by set-
ting the VPP pin 8 low. The RXD output is floating
when the devices are in shut down mode. The TXD
input is high impedance in shut down mode.
Latency
The receiver is in specified conditions after the
defined latency. In a UART related application after
that time (typically 50 µs) the receiver buffer of the
UART must be cleared. Therefore the transceiver has
to wait at least the specified latency after receiving the
last bit before starting the transmission to be sure that
the corresponding receiver is in a defined state.
For more application circuits, see IrDC Design Guide
and TOIM4232 data sheet.
Recommended Circuit Diagram
Table
Recommended Application Circuit Components
This is a recommendation for a combination to start with to exclude power supply effects.
Optimum, from a costs point of view, to work without both.
R1
Vccp
RXD
C1
GND
VCC /SD
TXD
5, 6
8
3
7
4
GND
VCC
RXD
TXD
VCCP
R2
1, 2 IRED Cathode
18187
Component
Recommended Value
Vishay Part Number
C1
4.7 µF, 16 V
293D 475X9 016B 2T
R1
5
Ω ( 2 Ω to 47 Ω)


Numéro de pièce similaire - TFDU4202

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TFDU4202 VISHAY-TFDU4202 Datasheet
122Kb / 12P
   Integrated Low Profile Transceiver Module for Telecom Applications – IrDA Standard
Rev. A1.1, 13-Feb-03
More results

Description similaire - TFDU4202

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TFDU4203 VISHAY-TFDU4203 Datasheet
122Kb / 12P
   Integrated Low Profile Transceiver Module for Telecom Applications – IrDA Standard
Rev. A1.1, 13-Feb-03
TFDU5107 VISHAY-TFDU5107 Datasheet
233Kb / 13P
   Integrated Low Profile Transceiver Module for Telecom Applications
Rev. A1.4, 01-Nov-02
logo
TEMIC Semiconductors
TFDS3000 TEMIC-TFDS3000 Datasheet
221Kb / 10P
   Integrated Infrared Transceiver Module IrDA (SIR)
logo
Panasonic Semiconductor
CND0004A PANASONIC-CND0004A Datasheet
47Kb / 3P
   Optical Transceiver Module for IrDA
logo
Sharp Corporation
GP2W0004YP SHARP-GP2W0004YP Datasheet
49Kb / 7P
   IrDA Transceiver Module
logo
Vishay Siliconix
TFBS6711 VISHAY-TFBS6711 Datasheet
216Kb / 14P
   Low Profile Fast Infrared Transceiver (FIR, 4 Mbit/s) for IrDA Applications
Rev. 1.3, 21-Feb-07
TFDU5307 VISHAY-TFDU5307 Datasheet
270Kb / 17P
   Fast Low Profile (2.5 mm) Infrared Transceiver Module(MIR, 1.152 Mbit/s) for IrDA Applications
Rev. 1.5, 07-Apr-06
TFDU4101 VISHAY-TFDU4101_09 Datasheet
270Kb / 13P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA Applications
Rev. 1.5, 08-Jul-09
TFDU4101 VISHAY-TFDU4101 Datasheet
266Kb / 16P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA Applications
Rev. 1.0, 11-Jul-06
logo
Unity Opto Technology
UTS-413T UOT-UTS-413T Datasheet
62Kb / 4P
   Infrared IrDA Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com