Moteur de recherche de fiches techniques de composants électroniques |
|
MC78LXXA Fiches technique(PDF) 7 Page - Fairchild Semiconductor |
|
MC78LXXA Fiches technique(HTML) 7 Page - Fairchild Semiconductor |
7 / 14 page MC78LXXA/LM78LXXA/MC78L05AA 7 Electrical Characteristics(MC78L24A) (Continued) (VI = 33V, IO = 40mA, 0 °C ≤ TJ ≤ 125°C, CI = 0.33µF, CO = 0.1µF, unless otherwise specified. (Note 1) Note: 1. The maximum steady state usable output current and input voltage are very dependent on the heat sinking and/or lead length of the package. The data above represent pulse test conditions with junction temperature as indicated at the initiation of tests. 2. Power dissipation PD ≤ 0.75W. Parameter Symbol Conditions Min. Typ. Max. Unit Output Voltage VO TJ = 25 °C23 24 25 V Line Regulation (Note1) ∆VO TJ = 25 °C 27V ≤ VI ≤ 38V - 160 300 mV 28V ≤ VI ≤ 38V - 150 250 mV Load Regulation (Note1) ∆VO TJ = 25 °C 1mA ≤ IO ≤ 100mA - 40 200 mV 1mA ≤ IO ≤ 40mA - 20 100 mV Output Voltage VO 27V ≤ VI ≤ 38V 1mA ≤ IO ≤ 40mA 22.8 - 25.2 V 27V ≤ VI ≤ VMAX (Note 2) 1mA ≤ IO ≤ 70mA 22.8 - 25.2 V Quiescent Current IQ TJ = 25 °C- 2.2 6.0 mA Quiescent Current Change With Line ∆IQ 28V ≤ VI ≤ 38V - - 1.5 mA With Load ∆IQ 1mA ≤ IO ≤ 40mA - - 0.1 mA Output Noise Voltage VN TA = 25 °C, 10Hz ≤ f ≤ 100kHz - 200 - µV/Vo Temperature Coefficient of VO ∆VO/∆TIO = 5mA - -2.0 - mV/ °C Ripple Rejection RR f = 120Hz, 28V ≤ VI ≤ 38V, TJ = 25°C34 45 - dB Dropout Voltage VD TJ = 25 °C- 1.7 - V |
Numéro de pièce similaire - MC78LXXA |
|
Description similaire - MC78LXXA |